Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3478EFE-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3478EFE-1
Description  4.5A Monolithic LED Drivers with True Color PWM Dimming
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3478EFE-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3478EFE-1 Datasheet HTML 3Page - Linear Technology LT3478EFE-1 Datasheet HTML 4Page - Linear Technology LT3478EFE-1 Datasheet HTML 5Page - Linear Technology LT3478EFE-1 Datasheet HTML 6Page - Linear Technology LT3478EFE-1 Datasheet HTML 7Page - Linear Technology LT3478EFE-1 Datasheet HTML 8Page - Linear Technology LT3478EFE-1 Datasheet HTML 9Page - Linear Technology LT3478EFE-1 Datasheet HTML 10Page - Linear Technology LT3478EFE-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3478/LT3478-1
7
34781f
PI FU CTIO S
SW (Pins 1, 2): Switch Pin. Collector of the internal NPN
power switch. Both pins are fused together inside the IC.
Connect the inductor and diode here and minimize the
metal trace area connected to this pin to minimize EMI.
VIN (Pin 3): Input Supply. Must be locally bypassed with
a capacitor to ground.
VS (Pin 4): Inductor Supply. Must be locally bypassed
with a capacitor to ground. Can be shorted to VIN if only
one supply is available (see L (Pin 5) function).
L (Pin 5): Inductor Pin. An internal resistor between VS
and L pins monitors inductor current to protect against
inrush current. Exceeding 6A immediately turns off the
internal NPN power switch and discharges the soft-start
pin. Input current monitoring can be disabled by connect-
ing the inductor power supply directly to the L pin and
leaving the VS pin open (requires local bypass capacitor
to GND on L pin; not VS pin).
VOUT (Pin 6): Output voltage of the converter. Connect a
capacitor from this pin to ground. Internal circuitry moni-
tors VOUT for protection against open LED faults.
LED (Pin 7): Connect the LED string from this pin to
ground. An internal (LT3478-1)/external (LT3478) resistor
between the VOUT and LED pins senses LED current for
accurate control.
OVPSET (Pin 8): Programs VOUT overvoltage protection
level (OVP) to protect against open LED faults. OVP =
(OVPSET • 41)V. OVPSET range is 0.3V to 1V for an OVP
range of typically 12.3V to 41V.
VC (Pin 9): Output of the transconductance error amplifier
and compensation pin for the converter regulation loop.
VREF (Pin 10): Bandgap Voltage Reference. This pin can
supply up to 100µA. Can be used to program CTRL1,
CTRL2, OVPSET pin voltages using resistor dividers to
ground.
⎯S⎯H⎯D⎯N (Pin 11): The ⎯S⎯H⎯D⎯N pin has an accurate 1.4V
threshold and can be used to program an undervoltage
lockout (UVLO) threshold for system input supply using a
resistor divider from supply to ground. A 10µA pin current
hysteresis allows programming of undervoltage lockout
(UVLO) hysteresis. ⎯S⎯H⎯D⎯N above 1.4V turns the part on
and removes a 10µA sink current from the pin. ⎯S⎯H⎯D⎯N = 0V
reduces VIN current < 3µA. ⎯S⎯H⎯D⎯N can be directly connected
to VIN. If left open circuit the part will be turned off.
CTRL1 (Pin 12): CTRL1 pin voltage is used to program
maximum LED current (CTRL2 = VREF). CTRL1 voltage
can be set by a resistor divider from VREF or an external
voltage source. Maximum LED current is given by:
(LT3478-1) Max LED Current = Min(CTRL1, 1.05) Amps
()
(, .
) •
.
LT
Max LED Current
Min CTRL
RSE
3478
105
01
=
N
NSE
Amps
(linear for 0.1V < CTRL1< 0.95V ; CTRL2 = VREF) For maxi-
mum LED current, short CTRL1 and CTRL2 pins to VREF.
CTRL2 (Pin 13): The CTRL2 pin is available for program-
ming a decrease in LED current versus temperature
(setting temperature breakpoint and slope). This feature
allows the output LED(s) to be programmed for maximum
allowable current without damage at higher temperatures.
This maximizes LED usage and increases reliability. A
CTRL2 voltage with negative temperature coefficient is
created using an external resistor divider from VREF with
temperature dependant resistance. If not used, CTRL2
should be tied to VREF.
PWM (Pin 14): Input pin for PWM dimming control. Above
1V allows converter switching and below 1V disables
switching with VC pin level maintained. With an external
MOSFET placed in series with the ground side of the LED
string, a PWM signal driving the PWM pin and MOSFET
gate provides accurate dimming control. The PWM signal
can be driven from 0V to 15V. If unused, the pin should
be connected to VREF.
RT (Pin 15): A resistor to ground programs switching
frequency between 200kHz and 2.25MHz.
SS (Pin 16): Soft-Start Pin. Placing a capacitor here pro-
grams soft-start timing to limit inductor inrush current
during start-up due to the converter. When inductor current


Similar Part No. - LT3478EFE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478 LINER-LT3478 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3478 LINER-LT3478 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3478 LINEAR_DIMENSIONS-LT3478 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3478 AD-LT3478 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3478 AD-LT3478 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3478EFE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3474EFE LINER-LT3474EFE Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Maxim Integrated Produc...
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com