Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW03C43 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZW03C43
Description  Silicon Z-Diodes and Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03C43 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZW03C43 Datasheet HTML 1Page - Vishay Siliconix BZW03C43 Datasheet HTML 2Page - Vishay Siliconix BZW03C43 Datasheet HTML 3Page - Vishay Siliconix BZW03C43 Datasheet HTML 4Page - Vishay Siliconix BZW03C43 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZW03C...
Vishay Telefunken
Rev. 2, 01-Apr-99
3 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85602
Type
IRat
VR
V(BR) 2)
I(BR)S
BZW03C...
mA
V
V
A
7V5
3000
6.2
11.3
44.2
8V2
2400
6.8
12.3
40.6
9V1
100
7.5
13.3
37.6
10
40
8.2
14.8
34.0
11
30
9.1
15.7
31.8
12
20
10
17.0
29.4
13
10
11
18.9
26.4
15
10
12
20.9
23.9
16
10
13
22.9
21.8
18
10
15
25.6
19.5
20
10
16
28.4
17.6
22
10
18
31.0
16.1
24
10
20
33.8
14.8
27
10
22
38.1
13.1
30
10
24
42.2
11.8
33
10
27
46.2
10.8
36
10
30
50.1
10.0
39
10
33
54.1
9.2
43
10
36
60.7
8.2
47
10
39
65.5
7.6
51
10
43
70.8
7.0
56
10
47
78.6
6.3
62
10
51
86.5
5.8
68
10
56
94.4
5.3
75
10
62
103.5
4.8
82
10
68
114
4.3
91
10
75
126
3.9
100
10
82
139
3.6
110
10
91
152
3.3
120
10
100
167
3.0
130
10
110
185
2.7
150
10
120
204
2.4
160
10
130
224
2.2
180
10
150
249
2.0
200
10
160
276
1.8
220
10
180
305
1.6
240
10
200
336
1.5
270
10
220
380
1.3
1) Stand–off reverse voltage = recommended supply voltage
2) Exp. falling pulse, tp = 500 ms down to 37%


Similar Part No. - BZW03C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZW03C43 VISHAY-BZW03C43 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03C43 VISHAY-BZW03C43 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
SUNMATE electronic Co.,...
BZW03C43 SUNMATE-BZW03C43 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
BZW03C43 NJSEMI-BZW03C43 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

Similar Description - BZW03C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C VISHAY-BZT03C Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Frontier Electronics.
BZT03C6V2 FRONTIER-BZT03C6V2 Datasheet
142Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
SEMTECH ELECTRONICS LTD...
BZT03C7V5 SEMTECH_ELEC-BZT03C7V5 Datasheet
259Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
BZT03D VISHAY-BZT03D Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03D VISHAY-BZW03D Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ200A LEIDITECH-SMDJ200A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com