Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263IDE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4263IDE-TRPBF
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263IDE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC4263IDE-TRPBF Datasheet HTML 1Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 2Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 3Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 4Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 5Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 6Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 7Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 8Page - Linear Technology LTC4263IDE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3479
3
3479fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3479 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.3
2.5
V
Quiescent Current
VIN = 2.5V, VSHDN = 0V
VIN = 2.5V, VSHDN = 2.5V, VC = 0.3V (Not Switching)
0.1
5
1
7.5
μA
mA
Reference Voltage
Measured at VREF Pin
l
1.216
1.235
1.250
V
Reference Voltage Line Regulation
2.5V < VIN < 24V, VC = 0.3V
0.01
0.03
%/V
Maximum VREF Pin Current
Out of Pin
100
μA
Soft-Start Pin Current
SS = 0.5V, Out of Pin
9
μA
FBP Pin Bias Current
25
100
nA
FBN Pin Bias Current
25
100
nA
Feedback Amplifier Offset Voltage
FBP – FBN, VC = 1V
–2
2
6
mV
Feedback Amplifier Voltage Gain
250
V/V
Feedback Amplifier Transconductance
150
μS
Feedback Amplifier Sink Current
VFBP = 1.25V, VFBN = 1.5V, VC = 0.5V
10
μA
Feedback Amplifier Source Current
VFBP = 1.25V, VFBN = 1V, VC = 0.5V
10
μA
Switching Frequency
RT = 17.8k
RT = 113k
RT = 1.78k
0.9
160
2.7
1
200
3.5
1.15
240
4.1
MHz
kHz
MHz
Maximum Switch Duty Cycle
RT = 17.8k
l
84
93
%
SHDN Pin Current
VSHDN = 5V
VSHDN = 0V
30
0.1
60
1
μA
μA
SHDN Pin Threshold
0.3
1.5
2
V
Inductor Current Limit
(Note 3)
3.5
5
6.5
A
Switch Current Limit
(Note 3)
3
4.5
6
A
Switch VCESAT
ISW = 1A (Note 3)
120
200
mV
Switch Leakage Current
SW = 40V
0.2
5
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VSHDN = 2.5V.
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Inductor Current Limit, Switch Current Limit and Switch VCESAT for
DE package guaranteed by design and/or correlation to static test.


Similar Part No. - LTC4263IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263IDE-TRPBF LINER-LTC4263IDE-TRPBF Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263IDE-TRPBF LINER-LTC4263IDE-TRPBF Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
More results

Similar Description - LTC4263IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479_15 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com