Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3479EDE-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3479EDE-TR
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479EDE-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3479EDE-TR Datasheet HTML 6Page - Linear Technology LT3479EDE-TR Datasheet HTML 7Page - Linear Technology LT3479EDE-TR Datasheet HTML 8Page - Linear Technology LT3479EDE-TR Datasheet HTML 9Page - Linear Technology LT3479EDE-TR Datasheet HTML 10Page - Linear Technology LT3479EDE-TR Datasheet HTML 11Page - Linear Technology LT3479EDE-TR Datasheet HTML 12Page - Linear Technology LT3479EDE-TR Datasheet HTML 13Page - Linear Technology LT3479EDE-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3479
10
3479fb
APPLICATIONS INFORMATION
GND
GND
SS
VC
FBN
FBP
VREF
SW
SW
L
VS
VIN
RT
SHDN
LT3479
RT
R2
CSS
RC
R1
CC
COUT
D
CIN
CS
L1
MINIMIZE THE AREA
OF THIS TRACE
TO VS
TO VIN
TO GND
TO SHDN
3479 F04
PLACE VIAS AROUND EXPOSED PAD
TO ENHANCE THERMAL PERFORMANCE
TO VOUT
Figure 4. Suggested Board Layout
Switching Frequency
The switching frequency of the LT3479 is set by an exter-
nal resistor attached to the RT pin. Do not leave this pin
open. A resistor must always be connected for proper
operation. See Table 4 and Figure 7 for resistor values
and corresponding frequencies.
Table 4. Switching Frequency
SWITCHING FREQUENCY (MHz)
RT (kΩ)
3.5
1.78
3
2.87
2.5
4.32
2
6.49
1.5
10.2
1
17.8
0.5
39.2
0.2
113
Figure 5. Start-Up with No Soft-Start Capacitor
0.2MS/DIV
IL
2A/DIV
VOUT
5V/DIV
3479 F05
Figure 6. Start-Up with CSS = 22nF
0.2ms/DIV
IL
2A/DIV
VOUT
5V/DIV
3479 F06


Similar Part No. - LT3479EDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3479 LINER-LT3479 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3479 LINER-LT3479 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3479 LINEAR_DIMENSIONS-LT3479 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
More results

Similar Description - LT3479EDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479_15 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com