Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3480IMSE-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3480IMSE-PBF
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480IMSE-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3480IMSE-PBF Datasheet HTML 3Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 4Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 5Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 6Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 7Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 8Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 9Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 10Page - Linear Technology LT3480IMSE-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3480
7
3480fb
PIN FUNCTIONS
BD (Pin 1): This pin connects to the anode of the boost
Schottky diode. BD also supplies current to the internal
regulator.
BOOST (Pin 2): This pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
SW (Pin 3): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
VIN (Pin 4): The VIN pin supplies current to the LT3480’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
RUN/SS (Pin 5): The RUN/SS pin is used to put the
LT3480 in shutdown mode. Tie to ground to shut down
the LT3480. Tie to 2.5V or more for normal operation. If
the shutdown feature is not used, tie this pin to the VIN
pin. RUN/SS also provides a soft-start function; see the
Applications Information section.
SYNC (Pin 6): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation at
low output loads. Tie to a clock source for synchronization.
Clock edges should have rise and fall times faster than 1μs.
See synchronizing section in Applications Information.
PG (Pin 7): The PG pin is the open collector output of an
internal comparator. PG remains low until the FB pin is
within 14% of the final regulation voltage. PG output is
valid when VIN is above 3.6V and RUN/SS is high.
FB (Pin 8): The LT3480 regulates the FB pin to 0.790V.
Connect the feedback resistor divider tap to this pin.
VC (Pin 9): The VC pin is the output of the internal error
amplifier. The voltage on this pin controls the peak switch
current. Tie an RC network from this pin to ground to
compensate the control loop.
RT (Pin 10): Oscillator Resistor Input. Connecting a resistor
to ground from this pin sets the switching frequency.
Exposed Pad (Pin 11): Ground. The Exposed Pad must
be soldered to PCB.
BLOCK DIAGRAM
+
+
OSCILLATOR
200kHz–2.4MHz
BurstMode
DETECT
VC CLAMP
SOFT-START
SLOPE COMP
R
VIN
VIN
RUN/SS
BOOST
SW
SWITCH
LATCH
VC
VOUT
C2
C3
CF
L1
D1
DISABLE
CC
RC
BD
RT
R2
GND
ERROR AMP
R1
FB
RT
C1
PG
0.7V
S
Q
3480 BD
4
5
10
7
1
2
3
9
11
8
6
INTERNAL 0.79V REF
SYNC


Similar Part No. - LT3480IMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3480 LINER-LT3480 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3480IMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com