Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3480IDD-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT3480IDD-TR
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480IDD-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3480IDD-TR Datasheet HTML 7Page - Linear Technology LT3480IDD-TR Datasheet HTML 8Page - Linear Technology LT3480IDD-TR Datasheet HTML 9Page - Linear Technology LT3480IDD-TR Datasheet HTML 10Page - Linear Technology LT3480IDD-TR Datasheet HTML 11Page - Linear Technology LT3480IDD-TR Datasheet HTML 12Page - Linear Technology LT3480IDD-TR Datasheet HTML 13Page - Linear Technology LT3480IDD-TR Datasheet HTML 14Page - Linear Technology LT3480IDD-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3480
11
3480fb
APPLICATIONS INFORMATION
Table 1. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Murata
www.murata.com
LQH55D
Open
TDK
www.componenttdk.com
SLF7045
SLF10145
Shielded
Shielded
Toko
www.toko.com
D62CB
D63CB
D75C
D75F
Shielded
Shielded
Shielded
Open
Sumida
www.sumida.com
CR54
CDRH74
CDRH6D38
CR75
Open
Shielded
Shielded
Open
Of course, such a simple design guide will not always result
in the optimum inductor for your application. A larger value
inductor provides a slightly higher maximum load current
and will reduce the output voltage ripple. If your load is lower
than 2A, then you can decrease the value of the inductor
and operate with higher ripple current. This allows you to
use a physically smaller inductor, or one with a lower DCR
resulting in higher efficiency. There are several graphs in
the Typical Performance Characteristics section of this data
sheet that show the maximum load current as a function of
input voltage and inductor value for several popular output
voltages. Low inductance may result in discontinuous mode
operation, which is okay but further reduces maximum
load current. For details of maximum output current and
discontinuous mode operation, see Linear Technology Ap-
plication Note 44. Finally, for duty cycles greater than 50%
(VOUT/VIN > 0.5), there is a minimum inductance required
to avoid subharmonic oscillations. See AN19.
Input Capacitor
Bypass the input of the LT3480 circuit with a ceramic capaci-
tor of X7R or X5R type. Y5V types have poor performance
over temperature and applied voltage, and should not be
used. A 4.7μF to 10μF ceramic capacitor is adequate to
bypass the LT3480 and will easily handle the ripple current.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a lower performance
electrolytic capacitor.
Step-down regulators draw current from the input supply in
pulses with very fast rise and fall times. The input capaci-
tor is required to reduce the resulting voltage ripple at the
LT3480 and to force this very high frequency switching
current into a tight local loop, minimizing EMI. A 4.7μF
capacitor is capable of this task, but only if it is placed close
to the LT3480 and the catch diode (see the PCB Layout
section). A second precaution regarding the ceramic input
capacitor concerns the maximum input voltage rating of the
LT3480. A ceramic input capacitor combined with trace or
cable inductance forms a high quality (under damped) tank
circuit. If the LT3480 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceedingtheLT3480’svoltagerating.Thissituationiseasily
avoided (see the Hot Plugging Safety section).
Forspacesensitiveapplications,a2.2μFceramiccapacitorcan
be used for local bypassing of the LT3480 input. However, the
lower input capacitance will result in increased input current
ripple and input voltage ripple, and may couple noise into
other circuitry. Also, the increased voltage ripple will raise
the minimum operating voltage of the LT3480 to ~3.7V.
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by the
LT3480 to produce the DC output. In this role it determines
the output ripple, and low impedance at the switching
frequency is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
LT3480’s control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. A good starting value is:
C
Vf
OUT
OUT SW
=
100
where fSW is in MHz, and COUT is the recommended output
capacitance in μF. Use X5R or X7R types. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a higher value


Similar Part No. - LT3480IDD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3480 LINER-LT3480 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3480IDD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com