Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3482EUD-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3482EUD-TRPBF
Description  90V Boost DC/DC Converter with APD Current Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3482EUD-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3482EUD-TRPBF Datasheet HTML 4Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 5Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 6Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 7Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 8Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 9Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 10Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 11Page - Linear Technology LT3482EUD-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT3482
9
3482fa
Figure 3. Suggested Layout
APPLICATIO S I FOR ATIO
In some applications, a long cable or wire is used to connect
the LT3482 to APD. When APD is shorted to GND, APD pin
voltage might ring below ground and damage the internal
circuitry. To prevent damage during short-circuit event, a
20
Ω resistor must be added in series with the APD.
Layout Hints
The high speed operation of the LT3842 demands care-
ful attention to board layout. You will not get advertised
performance with careless layout. Figure 3 shows the
recommended component placement.
16
15
14
13
5
6
7
17
8
9
10
11
12
4
3
2
1
C2
CFLY
CPL
CMON
(OPT)
R1
APD
R2
C1
3482 F03
L1
RMON
(OPT)
CIN
GND
VIN
CTRL
MON fSET


Similar Part No. - LT3482EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482IUD LINER-LT3482IUD Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482IUDPBF LINER-LT3482IUDPBF Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
More results

Similar Description - LT3482EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
   Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
   Boost DC/DC Converter with APD Current Monitor
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
EV3430-Q-00A MPS-EV3430-Q-00A Datasheet
370Kb / 5P
   90V Step-Up Converter with APD Current Monitor Evaluation Board
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
   Boost Converter and Current Monitor for APD
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
   current mode boost DC-DC converter
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com