Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3480EMSE-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LT3480EMSE-TR
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480EMSE-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3480EMSE-TR Datasheet HTML 5Page - Linear Technology LT3480EMSE-TR Datasheet HTML 6Page - Linear Technology LT3480EMSE-TR Datasheet HTML 7Page - Linear Technology LT3480EMSE-TR Datasheet HTML 8Page - Linear Technology LT3480EMSE-TR Datasheet HTML 9Page - Linear Technology LT3480EMSE-TR Datasheet HTML 10Page - Linear Technology LT3480EMSE-TR Datasheet HTML 11Page - Linear Technology LT3480EMSE-TR Datasheet HTML 12Page - Linear Technology LT3480EMSE-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3480
9
3480fb
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
RR
V
V
OUT
12
079
1
=−
⎝⎜
⎠⎟
.
Reference designators refer to the Block Diagram.
Setting the Switching Frequency
The LT3480 uses a constant frequency PWM architecture
that can be programmed to switch from 200kHz to 2.4MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Figure 1.
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
187
121
88.7
68.1
56.2
46.4
40.2
34
29.4
23.7
19.1
16.2
13.3
11.5
9.76
8.66
Figure 1. Switching Frequency vs. RT Value
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size, minimum dropout voltage, and
maximum input voltage. The advantage of high frequency
operation is that smaller inductor and capacitor values may
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
f
VV
tV
V
V
SW MAX
D
OUT
ON MIN
D
IN
SW
()
()
=
+
+
()
where VIN is the typical input voltage, VOUT is the output
voltage, VD is the catch diode drop (~0.5V) and VSW is the
internal switch drop (~0.5V at max load). This equation
shows that slower switching frequency is necessary to
safely accommodate high VIN/VOUT ratio. Also, as shown
in the next section, lower frequency allows a lower dropout
voltage. The reason input voltage range depends on the
switching frequency is because the LT3480 switch has finite
minimum on and off times. The switch can turn on for a
minimum of ~150ns and turn off for a minimum of ~150ns.
Typical minimum on time at 25°C is 80ns. This means that
the minimum and maximum duty cycles are:
DC
f
t
DC
f
t
MIN
SW ON MIN
MAX
SW OFF MIN
=
=
()
()
1
where fSW is the switching frequency, the tON(MIN) is the
minimum switch on time (~150ns), and the tOFF(MIN) is
the minimum switch off time (~150ns). These equations
show that duty cycle range increases when switching
frequency is decreased.
A good choice of switching frequency should allow ad-
equate input voltage range (see next section) and keep
the inductor and capacitor values small.
Input Voltage Range
ThemaximuminputvoltageforLT3480applicationsdepends
on switching frequency, the Absolute Maximum Ratings of
the VIN and BOOST pins, and the operating mode.
The LT3480 can operate from input voltages up to 38V,
and safely withstand input voltages up 60V. Note that while
VIN>38V (typical), the LT3480 will stop switching, allowing
the output to fall out of regulation.
While the output is in start-up, short-circuit, or other
overload conditions, the switching frequency should be
chosen according to the following discussion.
For safe operation at inputs up to 60V the switching fre-
quency must be set low enough to satisfy VIN(MAX) ≥ 40V
according to the following equation. If lower VIN(MAX) is
desired, this equation can be used directly.


Similar Part No. - LT3480EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3480 LINER-LT3480 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3480EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com