Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3481EMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3481EMSE
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481EMSE Datasheet(HTML) 3 Page - Linear Technology

  LT3481EMSE Datasheet HTML 1Page - Linear Technology LT3481EMSE Datasheet HTML 2Page - Linear Technology LT3481EMSE Datasheet HTML 3Page - Linear Technology LT3481EMSE Datasheet HTML 4Page - Linear Technology LT3481EMSE Datasheet HTML 5Page - Linear Technology LT3481EMSE Datasheet HTML 6Page - Linear Technology LT3481EMSE Datasheet HTML 7Page - Linear Technology LT3481EMSE Datasheet HTML 8Page - Linear Technology LT3481EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3481
3
3481fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
3
3.6
V
Quiescent Current from VIN
VRUN/SS = 0.2V
0.01
0.5
μA
VBIAS = 3V, Not Switching
22
60
μA
VBIAS = 0, Not Switching
75
120
μA
Quiescent Current from BIAS
VRUN/SS = 0.2V
0.01
0.5
μA
VBIAS = 3V, Not Switching
50
120
μA
VBIAS = 0, Not Switching
05
μA
Minimum Bias Voltage
2.7
3
V
Feedback Voltage
1.25
1.24
1.265
1.265
1.29
1.3
V
V
FB Pin Bias Current (Note 3)
VFB = 1.25V, VC = 0.4V
30
100
nA
FB Voltage Line Regulation
4V < VIN < 34V
0.002
0.02
%/V
Error Amp GM
330
μMho
Error Amp Gain
800
VC Source Current
65
μA
VC Sink Current
85
μA
VC Pin to Switch Current Gain
3.5
A/V
VC Clamp Voltage
2V
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.5
1.25
250
2.8
1.4
300
3.1
1.55
350
MHz
MHz
kHz
Minimum Switch Off-Time
130
200
nS
Switch Current Limit
Duty Cycle = 5%
3.2
3.8
4.4
A
Switch VCESAT
ISW = 2A
360
mV
Boost Schottky Reverse Leakage
VSW = 10V, VBIAS = 0V
0.02
2
μA
Minimum Boost Voltage (Note 4)
1.5
2.1
V
BOOST Pin Current
ISW = 1A
18
35
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Threshold Offset from Feedback Voltage
VFB Rising
122
mV
PG Hysteresis
5
mV
PG Leakage
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 3V
100
600
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3481E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3481I specifications are
guaranteed over the –40°C to 125°C temperature range. The LT3481H
specifications are guaranteed over the –40°C to 150°C operating
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 3: Bias current flows into the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed
to guarantee full saturation of the switch.
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUNS/SS = 10V VBOOST = 15V, VBIAS = 3.3V unless otherwise
noted. (Note 2)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT3481EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com