Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3484EDCB-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3484EDCB-1
Description  Photoflash Capacitor Chargers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3484EDCB-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3484EDCB-1 Datasheet HTML 2Page - Linear Technology LT3484EDCB-1 Datasheet HTML 3Page - Linear Technology LT3484EDCB-1 Datasheet HTML 4Page - Linear Technology LT3484EDCB-1 Datasheet HTML 5Page - Linear Technology LT3484EDCB-1 Datasheet HTML 6Page - Linear Technology LT3484EDCB-1 Datasheet HTML 7Page - Linear Technology LT3484EDCB-1 Datasheet HTML 8Page - Linear Technology LT3484EDCB-1 Datasheet HTML 9Page - Linear Technology LT3484EDCB-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT3484-0/LT3484-1/LT3484-2
6
3484012f
DONE (Pin 1): Open NPN Collector Indication Pin. When
target output voltage is reached, NPN turns on, pulling Pin
1 low. This pin needs a pull-up resistor or current source.
CHARGE (Pin 2): Charge Pin. A low (<0.3V) to high (>1V)
transition on this pin puts the part into power delivery
mode. Once the target voltage is reached, the part will stop
charging the output. Toggle this pin to start charging
again. Bringing the pin low (<0.3V) will terminate the
power delivery and put the part in shutdown.
VIN (Pin 3): Input Supply Pin. Must be locally bypassed
with a good quality ceramic capacitor. Input supply must
be 2.5V or higher.
SW (Pins 4, 5): Switch Pins. These are the collector of the
internal NPN Power switch. Tie these pins together on the
PC Board. Minimize the metal trace area connected to
these pins to minimize EMI. Tie one side of the primary of
the transformer to these pins. The target output voltage is
set by the turns ratio of the transformer.
Choose Turns Ratio N by the following equation:
N
VOUT
=
+ 2
31 5
.
where VOUT is the desired output voltage.
VBAT (Pin 6): Battery Supply Pin. Must be locally bypassed
with a good quality ceramic capacitor. Battery supply must
be 1.7V or higher. The other terminal of the transformer
primary must be connected to VBAT.
GND (Pin 7): Ground. Tie directly to local ground plane.
PI FU CTIO S
VBAT
SW
+
DONE
CHARGE
C1
T1
R2
60k
Q1
ENABLE
CHIP
POWER
COUT
PHOTOFLASH
CAPACITOR
40mV
20mV
TO BATTERY
Q2
VOUT
D1
LT3484-0: RSENSE = 0.015Ω
LT3484-2: RSENSE = 0.022Ω
LT3484-1: RSENSE = 0.03Ω
3484 BD
4, 5
GND
6
1
2
7
+
+
+
+
+–
ONE-
SHOT
ONE-
SHOT
DRIVER
PRIMARY
SECONDARY
MASTER
LATCH
RSENSE
DCM COMPARATOR
VOUT COMPARATOR
R1
2.5k
S
RQ
1.25V
REFERENCE
Q3
Q1
QQ
SR
A3
A1
A2
VIN
TO VCC
3
Figure 1
FU CTIO AL BLOCK DIAGRA


Similar Part No. - LT3484EDCB-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3484-0 LINER-LT3484-0 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
logo
Analog Devices
LT3484-0 AD-LT3484-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
logo
Analog Devices
LT3484-1 AD-LT3484-1 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3484EDCB-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com