Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3485-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3485-3
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485-3 Datasheet(HTML) 4 Page - Linear Technology

  LT3485-3 Datasheet HTML 1Page - Linear Technology LT3485-3 Datasheet HTML 2Page - Linear Technology LT3485-3 Datasheet HTML 3Page - Linear Technology LT3485-3 Datasheet HTML 4Page - Linear Technology LT3485-3 Datasheet HTML 5Page - Linear Technology LT3485-3 Datasheet HTML 6Page - Linear Technology LT3485-3 Datasheet HTML 7Page - Linear Technology LT3485-3 Datasheet HTML 8Page - Linear Technology LT3485-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
4
34850123fb
TYPICAL PERFOR A CE CHARACTERISTICS LT3485-0 curves use the circuit of Figure 8, LT3485-1
curves use the circuit of Figure 9, LT3485-2 use the circuit of Figure 10 and LT3485-3 use the circuit of Figure 11 unless otherwise noted.
LT3485-1 Input Current
LT3485-2 Input Current
LT3485-3 Input Current
LT3485-0 Input Current
LT3485-1 Charging Waveform
LT3485-0 Charging Waveform
LT3485-2 Charging Waveform
LT3485-3 Charging Waveform
Charge Time
VOUT
50V/DIV
0.5s/DIV
VIN = 3.6V
COUT = 50µF
3485 G01
AVERAGE
INPUT
CURRENT
1A/DIV
VOUT
50V/DIV
0.5s/DIV
VIN = 3.6V
COUT = 50µF
3485 G02
AVERAGE
INPUT
CURRENT
0.5A/DIV
VOUT
50V/DIV
0.5s/DIV
VIN = 3.6V
COUT = 50µF
3485 G03
AVERAGE
INPUT
CURRENT
0.5A/DIV
VOUT
50V/DIV
0.5s/DIV
VIN = 3.6V
COUT = 50µF
3485 G04
AVERAGE
INPUT
CURRENT
1A/DIV
VIN (V)
2
0
1
2
3
4
6
3
45
6
1635 G05
78
5
LT3485-1
LT3485-3
LT3485-2
LT3485-0
COUT = 50µF
VOUT (V)
0
400
500
600
150
250
3485 G06
300
200
50
100
200
300
100
0
2.5V
3.6V
4.2V
VOUT (V)
050
0
100
250
100
200
250
3485 G07
50
200
150
150
300
2.5V
3.6V
4.2V
VOUT (V)
0
0
100
200
300
400
50
100
150
200
3485 G08
250
300
2.5V
3.6V
4.2V
VOUT (V)
0
0
100
300
400
500
200
900
3485 G09
200
100
50
250
300
150
600
700
800
2.5V
3.6V
4.2V


Similar Part No. - LT3485-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-3 LINER-LT3485-3 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-3 AD-LT3485-3 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Sumida Corporation
LT3485-3 SUMIDA-LT3485-3 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Linear Technology
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
More results

Similar Description - LT3485-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com