Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3485EDD-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3485EDD-1
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485EDD-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3485EDD-1 Datasheet HTML 6Page - Linear Technology LT3485EDD-1 Datasheet HTML 7Page - Linear Technology LT3485EDD-1 Datasheet HTML 8Page - Linear Technology LT3485EDD-1 Datasheet HTML 9Page - Linear Technology LT3485EDD-1 Datasheet HTML 10Page - Linear Technology LT3485EDD-1 Datasheet HTML 11Page - Linear Technology LT3485EDD-1 Datasheet HTML 12Page - Linear Technology LT3485EDD-1 Datasheet HTML 13Page - Linear Technology LT3485EDD-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
10
34850123fb
APPLICATIO S I FOR ATIO
Choosing the Right Device
(LT3485-0/LT3485-1/LT3485-2/LT3485-3)
The only difference between the four versions of the
LT3485 is the peak current level. For the fastest possible
charge time, use the LT3485-3. The LT3485-1 has the
lowest peak current capability, and is designed for
applications that need a more limited drain on the
batteries. Due to the lower peak current, the LT3485-1 can
use a physically smaller transformer. The LT3485-0 and
LT3485-2 have a current limit in between that of the
LT3485-3 and the LT3485-1.
Transformer Design
The flyback transformer is a key element for any
LT3485-0/LT3485-1/LT3485-2/LT3485-3 design. It must
be designed carefully and checked that it does not cause
excessive current or voltage on any pin of the part. The
main parameters that need to be designed are shown in
Table 1.
The first transformer parameter that needs to be set is the
turns ratio N. The LT3485-0/LT3485-1/LT3485-2/LT3485-
3 accomplish output voltage detection by monitoring the
flyback waveform on the SW pin. When the SW voltage
reaches 31.5V higher than the VBAT voltage, the part will
halt power delivery. Thus, the choice of N sets the target
output voltage as it changes the amplitude of the reflected
voltage from the output to the SW pin. Choose N accord-
ing to the following equation:
N
VOUT
=
+ 2
31 5
.
where VOUT is the desired output voltage. The number 2
in the numerator is used to include the effect of the voltage
drop across the output diode(s).
Thus for a 320V output, N should be 322/31.5 or 10.2. For
a 300V output, choose N equal to 302/31.5 or 9.6.
The next parameter that needs to be set is the primary
inductance, LPRI. Choose LPRI according to the following
formula:
L
V
NI
PRI
OUT
PK
••
200 10 9
where VOUT is the desired output voltage. N is the trans-
former turns ratio. IPK is 1.4 (LT3485-0), 0.7 (LT3485-1),
1 (LT3485-2) and 2 (LT3485-3).
LPRI needs to be equal or larger than this value to ensure
that the LT3485-0/LT3485-1/LT3485-2/LT3485-3 has ad-
equate time to respond to the flyback waveform.
All other parameters need to meet or exceed the recom-
mended limits as shown in Table 1. A particularly impor-
tant parameter is the leakage inductance, LLEAK. When the
power switch of the LT3485-0/LT3485-1/LT3485-2/
LT3485-3 turns off, the leakage inductance on the pri-
mary of the transformer causes a voltage spike to occur
on the SW pin. The height of this spike must not exceed
40V, even though the absolute maximum rating of the SW
Pin is 50V. The 50V absolute maximum rating is a DC
blocking voltage specification, which assumes that the
current in the power NPN is zero. Figure 3 shows the SW
voltage waveform for the circuit of Figure 8 (LT3485-0).
Table 1. Recommended Transformer Parameters
TYPICAL RANGE
TYPICAL RANGE
TYPICAL RANGE
TYPICAL RANGE
PARAMETER
NAME
LT3485-0
LT3485-1
LT3485-2
LT3485-3
UNITS
LPRI
Primary Inductance
>5
>10
>7
>3.5
µH
LLEAK
Primary Leakage Inductance
100 to 300
200 to 500
200 to 500
100 to 300
nH
N
Secondary: Primary Turns Ratio
8 to 12
8 to 12
8 to 12
8 to 12
VISO
Secondary to Primary Isolation Voltage
>500
>500
>500
>500
V
ISAT
Primary Saturation Current
>1.6
>0.8
>1.0
>2
A
RPRI
Primary Winding Resistance
<300
<500
<400
<200
m
RSEC
Secondary Winding Resistance
<40
<80
<60
<30


Similar Part No. - LT3485EDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485 LINER-LT3485 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LT3485 AD-LT3485 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LT3485-0 LINER-LT3485-0 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-0 AD-LT3485-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
More results

Similar Description - LT3485EDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com