Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3483ES6-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT3483ES6-TR
Description  Inverting Micropower DC/DC Converter with Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3483ES6-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3483ES6-TR Datasheet HTML 3Page - Linear Technology LT3483ES6-TR Datasheet HTML 4Page - Linear Technology LT3483ES6-TR Datasheet HTML 5Page - Linear Technology LT3483ES6-TR Datasheet HTML 6Page - Linear Technology LT3483ES6-TR Datasheet HTML 7Page - Linear Technology LT3483ES6-TR Datasheet HTML 8Page - Linear Technology LT3483ES6-TR Datasheet HTML 9Page - Linear Technology LT3483ES6-TR Datasheet HTML 10Page - Linear Technology LT3483ES6-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT3483
7
3483fb
APPLICATIONS INFORMATION
it to around twice the value recommended, as too large
of an inductance will increase the output voltage ripple
without providing much additional output current.
Table 1. Recommended Inductors
PART
L
(μH)
MAX
IDC
(mA)
DCR
(Ω)
HEIGHT
(mm)
MANUFACTURER
LQH2MCN4R7M02L
LQH2MCN6R8M02L
LQH2MCN100M02L
4.7
6.8
10
300
255
225
0.84
1.0
1.2
0.95
Murata
www.murata.com
SDQ12
Coupled
Inductor
10
15
980
780
0.72
1.15
1.2
Cooper Electronics
Tech
www.cooperet.com
744876
Coupled
Inductor
10
550
0.46
1.2
Würth Elektronik
www.we-online.com
Capacitor Selection
The small size and low ESR of ceramic capacitors make
them ideal for LT3483 applications. Use of X5R and X7R
types is recommended because they retain their capaci-
tance over wider voltage and temperature ranges than
other dielectric types. Always verify the proper voltage
rating. Table 2 shows a list of several ceramic capaci-
tor manufacturers. Consult the manufacturers for more
detailed information on their entire selection of ceramic
capacitors.
A 4.7μF ceramic bypass capacitor on the VIN pin is rec-
ommended where the distance to the power supply or
battery could be more than a couple inches. Otherwise,
a 1μF is adequate.
A capacitor in parallel with feedback resistor R1 is recom-
mended to reduce the output voltage ripple. Use a 5pF
capacitor for the inverting charge pump, and a 22pF value
for the inverting flyback or other dual inductor configura-
tions. Output voltage ripple can be reduced to 20mV in
some cases using this capacitor in combination with an
appropriately selected output capacitor.
The output capacitor is selected based on desired output
voltage ripple. For low output voltage ripple in the inverting
flyback configuration, use a 4.7μF to 10μF capacitor. The
inverting charge pump utilizes values ranging from 0.22μF
to 4.7μF. The following formula is useful to estimate the
output capacitor value needed:
COUT =
L•ISW
2
–VOUT • ΔVOUT
where ISW= 0.25A and ΔVOUT= 30mV. The flying capacitor
in the inverting charge pump configuration ranges from
0.1μF to 0.47μF. Multiply the value predicted by the above
equation for COUT by 1/10 to determine the value needed
for the flying capacitor.
Table 2. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
URL
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.tyuden.com
Setting the Output Voltage
The output voltage is programmed using one feedback
resistor according to the following formula:
R1= –
VOUT
10μA
Inrush Current
When VIN is increased from ground to operating voltage,
an inrush current will flow through the input inductor and
integrated Schottky diode to charge the flying capacitor.
Conditions that increase inrush current include a larger,
more abrupt voltage step at VIN, a larger flying capacitor,
and an inductor with a low saturation current.
While the internal diode is designed to handle such events,
the inrush current should not be allowed to exceed 1.5A.
For circuits that use flying capacitors within the recom-
mended range and have input voltages less than 5V, inrush
current remains low, posing no hazard to the device. In
cases where there are large steps at VIN, inrush current
should be measured to ensure operation within the limits
of the device.


Similar Part No. - LT3483ES6-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
More results

Similar Description - LT3483ES6-TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com