Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3481HMSE-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3481HMSE-TR
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481HMSE-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3481HMSE-TR Datasheet HTML 6Page - Linear Technology LT3481HMSE-TR Datasheet HTML 7Page - Linear Technology LT3481HMSE-TR Datasheet HTML 8Page - Linear Technology LT3481HMSE-TR Datasheet HTML 9Page - Linear Technology LT3481HMSE-TR Datasheet HTML 10Page - Linear Technology LT3481HMSE-TR Datasheet HTML 11Page - Linear Technology LT3481HMSE-TR Datasheet HTML 12Page - Linear Technology LT3481HMSE-TR Datasheet HTML 13Page - Linear Technology LT3481HMSE-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3481
10
3481fb
frequency will be necessary to achieve safe operation at
high input voltages.
If the output is in regulation and no short-circuit or start-up
events are expected, then input voltage transients of up to
36V are acceptable regardless of the switching frequency.
In this mode, the LT3481 may enter pulse skipping opera-
tion where some switching pulses are skipped to maintain
output regulation. In this mode the output voltage ripple
and inductor current ripple will be higher than in normal
operation.
The minimum input voltage is determined by either the
LT3481’s minimum operating voltage of ~3.6V or by its
maximum duty cycle (see equation in previous section).
The minimum input voltage due to duty cycle is:
V
VV
ft
VV
IN MIN
OUT
D
SW OFF MIN
DSW
()
()
=
+
+
1–
where VIN(MIN) is the minimum input voltage, and tOFF(MIN)
is the minimum switch off time (150ns). Note that higher
switching frequency will increase the minimum input
voltage. If a lower dropout voltage is desired, a lower
switching frequency should be used.
Inductor Selection
For a given input and output voltage, the inductor value
and switching frequency will determine the ripple current.
The ripple current
ΔIL increases with higher VIN or VOUT
and decreases with higher inductance and faster switch-
ing frequency. A reasonable starting point for selecting
the ripple current is:
ΔIL = 0.4((IOUT(MAX))
where IOUT(MAX) is the maximum output load current. To
guarantee sufficient output current, peak inductor current
must be lower than the LT3481’s switch current limit (ILIM).
The peak inductor current is:
IL(PEAK) = IOUT(MAX) + ΔIL/2
where IL(PEAK) is the peak inductor current, IOUT(MAX) is
the maximum output load current, and
ΔIL is the inductor
ripple current. The LT3481’s switch current limit (ILIM) is
at least 3.5A at low duty cycles and decreases linearly to
2.5A at DC = 0.8. The maximum output current is a func-
tion of the inductor ripple current:
IOUT(MAX) = ILIM – ΔIL/2
Be sure to pick an inductor ripple current that provides
sufficient maximum output current (IOUT(MAX)).
The largest inductor ripple current occurs at the highest
VIN. To guarantee that the ripple current stays below the
specified maximum, the inductor value should be chosen
according to the following equation:
L
VV
fI
VV
V
OUT
D
L
OUT
D
IN MAX
=
+
⎝⎜
⎠⎟
+
()
Δ
1–
⎟⎟
where VD is the voltage drop of the catch diode (~0.4V),
VIN(MAX) is the maximum input voltage, VOUT is the output
voltage, fSW is the switching frequency (set by RT), and
L is in the inductor value.
The inductor’s RMS current rating must be greater than the
maximum load current and its saturation current should be
about 30% higher. For robust operation in fault conditions
(start-up or short circuit) and high input voltage (>30V),
the saturation current should be above 3.5A. To keep the
efficiency high, the series resistance (DCR) should be less
than 0.1
Ω, and the core material should be intended for
high frequency applications. Table 1 lists several vendors
and suitable types.
Table 1. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Murata
www.murata.com
LQH55D
Open
TDK
www.componenttdk.com
SLF7045
SLF10145
Shielded
Shielded
Toko
www.toko.com
D62CB
D63CB
D75C
D75F
Shielded
Shielded
Shielded
Open
Sumida
www.sumida.com
CR54
CDRH74
CDRH6D38
CR75
Open
Shielded
Shielded
Open
APPLICATIONS INFORMATION


Similar Part No. - LT3481HMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481HMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com