Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3491 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3491
Description  White LED Driver with Integrated Schottky in SC70 and 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3491 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3491 Datasheet HTML 3Page - Linear Technology LT3491 Datasheet HTML 4Page - Linear Technology LT3491 Datasheet HTML 5Page - Linear Technology LT3491 Datasheet HTML 6Page - Linear Technology LT3491 Datasheet HTML 7Page - Linear Technology LT3491 Datasheet HTML 8Page - Linear Technology LT3491 Datasheet HTML 9Page - Linear Technology LT3491 Datasheet HTML 10Page - Linear Technology LT3491 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3491
3491fa
APPLICATIO S I FOR ATIO
INDUCTOR SELECTION
A 10
µH inductor is recommended for most LT3491 appli-
cations. Although small size and high efficiency are major
concerns, the inductor should have low core losses at
2.3MHz and low DCR (copper wire resistance). Some
small inductors in this category are listed in Table 1. The
efficiency comparison of different inductors is shown in
Figure 3.
Table 1. Recommended Inductors
CURRENT
L
DCR
RATING
PART
(
µH)
(
Ω)
(mA)
VENDOR
LQH32CN100K53
10
0.3
450
Murata
LQH2MCN100K02
10
1.2
225
www.murata.com
SD3112-100
10
0.446
550
Cooper
www.cooperet.com
1001AS-100M
10
0.48
460
Toko
(TYPE D312C)
www.toko.com
CDRH2D11
10
0.5375
280
Sumida
CDRH2D14
10
0.294
700
www.sumida.com
Table 2 shows a list of several ceramic capacitor manufac-
turers. Consult the manufacturers for detailed information
on their entire selection of ceramic parts.
Table 2. Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
(800) 368-2496
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
OVERVOLTAGE PROTECTION
The LT3491 has an internal open-circuit protection circuit.
In the cases of output open circuit, when the LEDs are
disconnected from the circuit or the LEDs fail open circuit,
VCAP is clamped at 27V (typ). The LT3491 will then switch
at a very low frequency to minimize input current. The VCAP
and input current during output open circuit are shown in
the Typical Performance Characteristics. Figure 4 shows
the transient response when the LEDs are disconnected.
Figure 3. Efficiency Comparison of Different Inductors
CAPACITOR SELECTION
The small size of ceramic capacitors make them ideal for
LT3491 applications. Use only X5R and X7R types be-
cause they retain their capacitance over wider temperature
ranges than other types such as Y5V or Z5U. A 1
µF input
capacitor and a 1
µF output capacitor are sufficient for
most applications.
INRUSH CURRENT
The LT3491 has a built-in Schottky diode. When supply
voltage is applied to the VIN pin, an inrush current flows
through the inductor and the Schottky diode and charges
up the CAP voltage. The Schottky diode inside the LT3491
can sustain a maximum current of 1A.
Figure 4. Output Open-Circuit Waveform
VCAP
10V/DIV
IL
200mA/DIV
VIN = 3.6V
CIRCUIT OF
FRONT PAGE
APPLICATION
LEDs DISCONNECTED
AT THIS INSTANT
500
µs/DIV
3491 F04
LED CURRENT (mA)
0
30
35
45
50
55
80
65
5
10
3491 F03
40
70
75
60
15
20
MURATA LQH2MCN100K02
MURATA LQH32CN100K53
TOKO 10001AS-100M
SUMIDA CDRH2D11
SUMIDA CDRH2D14
VIN = 3.6V
4 LEDs
FRONT PAGE
APPLICATION CIRCUIT


Similar Part No. - LT3491

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3491 LINER-LT3491 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
More results

Similar Description - LT3491

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com