Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3493IDCB Datasheet(PDF) 11 Page - Linear Technology

Part # LT3493IDCB
Description  1.2A, 750kHz Step-Down Switching Regulator in 2mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493IDCB Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3493IDCB Datasheet HTML 7Page - Linear Technology LT3493IDCB Datasheet HTML 8Page - Linear Technology LT3493IDCB Datasheet HTML 9Page - Linear Technology LT3493IDCB Datasheet HTML 10Page - Linear Technology LT3493IDCB Datasheet HTML 11Page - Linear Technology LT3493IDCB Datasheet HTML 12Page - Linear Technology LT3493IDCB Datasheet HTML 13Page - Linear Technology LT3493IDCB Datasheet HTML 14Page - Linear Technology LT3493IDCB Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3493
11
3493fb
APPLICATIONS INFORMATION
capacitor must be large to achieve low ESR. Table 2 lists
several capacitor vendors.
Figure 4 shows the transient response of the LT3493 with
several output capacitor choices. The output is 3.3V. The
load current is stepped from 250mA to 1A and back to
250mA, and the oscilloscope traces show the output volt-
age. The upper photo shows the recommended value. The
second photo shows the improved response (less voltage
drop) resulting from a larger output capacitor and a phase
lead capacitor. The last photo shows the response to a high
performance electrolytic capacitor. Transient performance
is improved due to the large output capacitance.
BOOST Pin Considerations
Capacitor C3 and diode D2 are used to generate a boost
voltage that is higher than the input voltage. In most cases
a 0.1μF capacitor and fast switching diode (such as the
1N4148 or 1N914) will work well. Figure 5 shows two
ways to arrange the boost circuit. The BOOST pin must
be at least 2.3V above the SW pin for best efficiency. For
outputs of 3.3V and above, the standard circuit (Figure 5a)
is best. For outputs between 3V and 3.3V, use a 0.22μF
capacitor. For outputs between 2.5V and 3V, use a 0.47μF
capacitor and a small Schottky diode (such as the BAT-
54). For lower output voltages the boost diode can be tied
to the input (Figure 5b). The circuit in Figure 5a is more
efficient because the BOOST pin current comes from a lower
voltage source. You must also be sure that the maximum
voltage rating of the BOOST pin is not exceeded.
The minimum operating voltage of an LT3493 applica-
tion is limited by the undervoltage lockout (3.6V) and by
the maximum duty cycle as outlined above. For proper
start-up, the minimum input voltage is also limited by
the boost circuit. If the input voltage is ramped slowly,
or the LT3493 is turned on with its SHDN pin when the
output is already in regulation, then the boost capacitor
may not be fully charged. Because the boost capacitor is
charged with the energy stored in the inductor, the circuit
will rely on some minimum load current to get the boost
circuit running properly. This minimum load will depend
on the input and output voltages, and on the arrangement
of the boost circuit. The minimum load generally goes to
zero once the circuit has started. Figure 6 shows a plot of
minimum load to start and to run as a function of input
voltage. In many cases the discharged output capacitor
will present a load to the switcher which will allow it to
start. The plots show the worst-case situation where VIN
is ramping verly slowly. For lower start-up voltage, the
boost diode can be tied to VIN; however this restricts the
input range to one-half of the absolute maximum rating
of the BOOST pin.
Table 2. Capacitor Vendors
VENDOR
PHONE
URL
PART SERIES COMMENTS
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic


Similar Part No. - LT3493IDCB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493 LINER-LT3493 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493EDCB-3 LINER-LT3493EDCB-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
More results

Similar Description - LT3493IDCB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com