Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3493EDCB-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3493EDCB-TRPBF
Description  1.2A, 750kHz Step-Down Switching Regulator in 2mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493EDCB-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3493EDCB-TRPBF Datasheet HTML 1Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 2Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 3Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 4Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 5Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 6Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 7Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 8Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3493
3
3493fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3493E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3493I specifications are
guaranteed over the –40°C to 125°C temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Current Limit
(Note 3)
1.4
1.75
2.2
A
Switch VCESAT
ISW = 1A
330
mV
Switch Leakage Current
2μA
Minimum Boost Voltage Above Switch
ISW = 1A
1.85
2.2
V
BOOST Pin Current
ISW = 1A
30
50
mA
SHDN Input Voltage High
2.3
V
SHDN Input Voltage Low
0.3
V
SHDN Bias Current
VSHDN = 2.3V (Note 5)
VSHDN = 0V
6
0.01
15
0.1
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2)
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
Note 4: Current flows out of pin.
Note 5: Current flows into pin.
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.
Efficiency (VOUT = 5V, L = 10μH)
LOAD CURRENT (A)
0
50
55
65
70
75
0.8
1.0
95
3493 G01
60
0.2
0.4
0.6
1.2
80
85
90
VIN = 8V
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0
50
55
65
70
75
0.8
1.0
3493 G02
60
0.2
0.4
0.6
1.2
80
85
90
VIN = 8V
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0
50
55
65
70
75
0.8
1.0
3493 G03
60
0.2
0.4
0.6
1.2
80
VIN = 5V
VIN = 12V
Efficiency (VOUT = 3.3V, L = 10μH)
Efficiency (VOUT = 1.8V, L = 4.7μH)


Similar Part No. - LT3493EDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493EDCB-3 LINER-LT3493EDCB-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
More results

Similar Description - LT3493EDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com