Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3496IUFD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3496IUFD-TRPBF
Description  Triple Output LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496IUFD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3496IUFD-TRPBF Datasheet HTML 6Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 7Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 8Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 9Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 10Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 11Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 12Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 13Page - Linear Technology LT3496IUFD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3496
10
3496fe
dimming waveforms and the start-up time should be
checked across all operating conditions.
Open-LED Protection
The LT3496 has open-LED protection for all the three
converters. As shown in Figure 1, the OVP1 pin receives
the output voltage (the voltage across the output capacitor)
feedback signal from an external resistor divider. OVP1
voltage is compared with a 1V internal voltage reference by
comparator A6. In the event the LED string is disconnected
or fails open, converter 1 output voltage will increase, caus-
ing OVP1 voltage to increase. When OVP1 voltage exceeds
1V, the power switch Q1 will turn off, and cause the output
voltage to decrease. Eventually, OVP1 will be regulated to
1V and the output voltage will be limited. In the event one
of the converters has an open-LED protection, the other
converters will continue functioning properly.
Switching Frequency and Soft-Start
The LT3496 switching frequency is controlled by FADJ
pin voltage. Setting FADJ voltage to be less than 1V will
reduce switching frequency.
If FADJ voltage is higher than 1V, the default switch-
ing frequency is 2.1MHz. In general, a lower switching
frequency should be used where either very high or very
low switch duty cycle is required or higher efficiency is
desired. Selection of a higher switching frequency will
allow use of low value external components and yield a
smaller solution size and profile.
Connecting FADJ pin to a lowpass filter (R5 and C4 in
Figure 1) from the REF pin provides a soft-start function.
During start-up, FADJ voltage increases slowly from 0V
to the setting voltage. As a result, the switching frequency
increases slowly to the setting frequency. This function
limits the inrush current during start-up.
Undervoltage Lockout
The LT3496 has an undervoltage lockout circuit that
shuts down all the three converters when the input volt-
age drops below 2.4V. This prevents the converter from
switching in an erratic mode when powered from a low
supply voltage.
Input Capacitor Selection
For proper operation, it is necessary to place a bypass
capacitor to GND close to the VIN pin of the LT3496. A
1μF or greater capacitor with low ESR should be used. A
ceramic capacitor is usually the best choice.
In the buck mode configuration, the capacitor at PVIN has
large pulsed currents due to the current returned though
the Schottky diode when the switch is off. For the best
reliability, this capacitor should have low ESR and ESL
and have an adequate ripple current rating. The RMS
input current is:
I
IN(RMS) = ILED •1– D
()•D
where D is the switch duty cycle. A 1μF ceramic type ca-
pacitor placed close to the Schottky diode and the ground
plane is usually sufficient for each channel.
Output Capacitor Selection
The selection of output filter capacitor depends on the load
and converter configuration, i.e., step-up or step-down.
For LED applications, the equivalent resistance of the LED
is typically low, and the output filter capacitor should be
large enough to attenuate the current ripple.
To achieve the same LED ripple current, the required filter
capacitor value is larger in the boost and buck-boost mode
applications than that in the buck mode applications. For the
LED buck mode applications, a 0.22μF ceramic capacitor
is usually sufficient for each channel. For the LED boost
and buck-boost applications, a 1μF ceramic capacitor is
usually sufficient for each channel. If higher LED current
ripple can be tolerated, a lower output capacitance can be
selected to reduce the capacitor’s cost and size.
Use only ceramic capacitors with X7R or X5R dielectric,
as they are good for temperature and DC bias stability of
the capacitor value. All ceramic capacitors exhibit loss of
capacitance value with increasing DC voltage bias, so it
may be necessary to choose a higher value capacitor to get
the required capacitance at the operation voltage. Always
check that the voltage rating of the capacitor is sufficient.
Table 1 shows some recommended capacitor vendors.
APPLICATIONS INFORMATION


Similar Part No. - LT3496IUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496IUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com