Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C51 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZX84C51
Description  350 mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C51 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZX84C51 Datasheet HTML 1Page - Vishay Siliconix BZX84C51 Datasheet HTML 2Page - Vishay Siliconix BZX84C51 Datasheet HTML 3Page - Vishay Siliconix BZX84C51 Datasheet HTML 4Page - Vishay Siliconix BZX84C51 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BZX84C2V7–BZX84C51
Vishay Telefunken
Rev. 1, 01-Apr-99
4 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85606
Dimensions in mm
14370
top view
Case: SOT23, molded plastic
Mounting position: any
Approx. weight: 0.008 grams


Similar Part No. - BZX84C51

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C51 DIODES-BZX84C51 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C51 JGD-BZX84C51 Datasheet
100Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
logo
SeCoS Halbleitertechnol...
BZX84C51 SECOS-BZX84C51 Datasheet
284Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
Vishay Siliconix
BZX84C51 VISHAY-BZX84C51 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
logo
DONGGUAN YOU FENG WEI E...
BZX84C51 YFWDIODE-BZX84C51 Datasheet
690Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX84C51

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
First Components Intern...
BZX84C2V7 FCI-BZX84C2V7 Datasheet
111Kb / 2P
   350 mW ZENER DIODES (2.7V to 51V)
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Microsemi Corporation
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
SeCoS Halbleitertechnol...
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
   100 mW, SOD-523 Series Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com