Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1602CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SF1602CT
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF1602CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SF1602CT Datasheet HTML 1Page - HY ELECTRONIC CORP. SF1602CT Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Super fast switching time for high efficiency
Low forward voltage drop
High current capabiltiy
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Case: TO-220AB molded plastic
Epoxy: UL94V-0 rate flame retadant
Mounting position :Any
Weight: 2.24 grams
polarity:As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SF
SF
SF
SF
SF
SF
SF
1601CT 1602CT 1603CT 1604CT 1605CT 1606CT 1608CT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 8.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note1)
TRR
50
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating and Storage Temperature Range
TJ,TSTG
~ 174 ~
IR
μA
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
150
2.5
40
3.Thermal resistance junction to ambient
-55 to + 150
A
40
10
A
35
IFSM
1.0
1.25
300
SF1601CT thru SF1608CT
SUPER FAST RECTIFIERS
I(AV)
UNIT
SYMBOL
CHARACTERISTICS
16.0
Dimensions in inches and (millimeters)
REVERSE VOLTAGE - 50 to 600Volts
FORWARD CURRENT - 16.0 Amperes
TO-220AB
(3.2)
.126
.055(1.4)
.047(1.2)
.148(3.8)
.187(4.7)
.531(13.5)
.583(14.8)
.610(15.5)
.583(14.8)
.157
(4.0)
.230(5.8)
.270(6.9)
.091(2.3)
.102(2.6)
.043(1.1)
.032(0.8)
.051
(1.3)
.108
(2.75)
.153(3.9)
.146(3.7)
.374(9.5)
.413(10.5)
.024(0.6)
.012(0.3)


Similar Part No. - SF1602CT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1602CT PACELEADER-SF1602CT Datasheet
730Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1602CT YEASHIN-SF1602CT Datasheet
41Kb / 2P
   SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
HY ELECTRONIC CORP.
SF1602CT HY-SF1602CT Datasheet
420Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
SF1602CT NIUHANG-SF1602CT Datasheet
423Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
More results

Similar Description - SF1602CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com