Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3P400-FGG144I Datasheet(PDF) 3 Page - Actel Corporation

Part # M1A3P400-FGG144I
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1A3P400-FGG144I Datasheet(HTML) 3 Page - Actel Corporation

  M1A3P400-FGG144I Datasheet HTML 1Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 2Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 3Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 4Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 5Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 6Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 7Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 8Page - Actel Corporation M1A3P400-FGG144I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 206 page
background image
ProASIC3 Flash Family FPGAs
v1.0
III
ProASIC3 Ordering Information
* The DC and switching characteristics for the –F speed grade targets are based only on simulation.
The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some
restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in
the commercial temperature range.
Speed Grade
Blank = Standard
1 = 15% Faster than Standard
2 = 25% Faster than Standard
F = 20% Slower than Standard*
A3P1000
FG
_
Part Number
ProASIC3 Devices
ProASIC3 Devices with ARM7
1
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
144
I
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (
40°C to +85°C Ambient Temperature)
Blank = Standard Packaging
G= RoHS-Compliant (Green) Packaging
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
30,000 System Gates
A3P030 =
15,000 System Gates
A3P015 =
60,000 System Gates
A3P060 =
125,000 System Gates
A3P125 =
250,000 System Gates
A3P250 =
400,000 System Gates
A3P400 =
600,000 System Gates
A3P600 =
1,000,000 System Gates
A3P1000 =
ProASIC3 Devices with Cortex-M1
250,000 System Gates
M1A3P250 =
400,000 System Gates
M1A3P400 =
600,000 System Gates
M1A3P600 =
1,000,000 System Gates
M1A3P1000 =
1,000,000 System Gates
M7A3P1000 =
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)


Similar Part No. - M1A3P400-FGG144I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
M1A3P1000-1FG144M ACTEL-M1A3P1000-1FG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
M1A3P1000-1FGG144M ACTEL-M1A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
M1A3P1000-1PQ144M ACTEL-M1A3P1000-1PQ144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
logo
Microsemi Corporation
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
M1A3P1000-1PQG144M ACTEL-M1A3P1000-1PQG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
More results

Similar Description - M1A3P400-FGG144I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com