Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3P400-FFGG144I Datasheet(PDF) 10 Page - Actel Corporation

Part # M1A3P400-FFGG144I
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1A3P400-FFGG144I Datasheet(HTML) 10 Page - Actel Corporation

Back Button M1A3P400-FFGG144I Datasheet HTML 6Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 7Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 8Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 9Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 10Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 11Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 12Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 13Page - Actel Corporation M1A3P400-FFGG144I Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 206 page
background image
ProASIC3 Device Family Overview
1- 6
v1.0
In addition, every SRAM block has an embedded FIFO control unit. The control unit allows the
SRAM block to be configured as a synchronous FIFO without using additional core VersaTiles. The
FIFO width and depth are programmable. The FIFO also features programmable Almost Empty
(AEMPTY) and Almost Full (AFULL) flags in addition to the normal Empty and Full flags. The
embedded FIFO control unit contains the counters necessary for generation of the read and write
address pointers. The embedded SRAM/FIFO blocks can be cascaded to create larger configurations.
PLL and CCC
ProASIC3 devices provide designers with very flexible clock conditioning capabilities. Each member
of the ProASIC3 family contains six CCCs. One CCC (center west side) has a PLL. The A3P015 and
A3P030 devices do not have a PLL.
The six CCC blocks are located at the four corners and the centers of the east and west sides.
All six CCC blocks are usable; the four corner CCCs and the east CCC allow simple clock delay
operations as well as clock spine access.
The inputs of the six CCC blocks are accessible from the FPGA core or from one of several inputs
located near the CCC that have dedicated connections to the CCC block.
The CCC block has these key features:
Wide input frequency range (fIN_CCC) = 1.5 MHz to 350 MHz
Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz
Clock delay adjustment via programmable and fixed delays from –7.56 ns to +11.12 ns
2 programmable delay types for clock skew minimization
Clock frequency synthesis (for PLL only)
Additional CCC specifications:
Internal phase shift = 0°, 90°, 180°, and 270°. Output phase shift depends on the output
divider configuration (for PLL only).
Output duty cycle = 50% ± 1.5% or better (for PLL only)
Low output jitter: worst case < 2.5% × clock period peak-to-peak period jitter when single
global network used (for PLL only)
Maximum acquisition time = 300 µs (for PLL only)
Low power consumption of 5 mW
Exceptional tolerance to input period jitter— allowable input jitter is up to 1.5 ns (for PLL
only)
Four precise phases; maximum misalignment between adjacent phases of 40 ps × (350 MHz /
fOUT_CCC) (for PLL only)
Global Clocking
ProASIC3 devices have extensive support for multiple clocking domains. In addition to the CCC and
PLL support described above, there is a comprehensive global clock distribution network.
Each VersaTile input and output port has access to nine VersaNets: six chip (main) and three
quadrant global networks. The VersaNets can be driven by the CCC or directly accessed from the
core via multiplexers (MUXes). The VersaNets can be used to distribute low-skew clock signals or for
rapid distribution of high fanout nets.


Similar Part No. - M1A3P400-FFGG144I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
M1A3P1000-1FG144M ACTEL-M1A3P1000-1FG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
M1A3P1000-1FGG144M ACTEL-M1A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
M1A3P1000-1PQ144M ACTEL-M1A3P1000-1PQ144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
logo
Microsemi Corporation
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
M1A3P1000-1PQG144M ACTEL-M1A3P1000-1PQG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
More results

Similar Description - M1A3P400-FFGG144I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com