Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF806 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SF806
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF806 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SF806 Datasheet HTML 1Page - HY ELECTRONIC CORP. SF806 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SF801 thru SF808
~ 167 ~
AMBIENT TEMPERATURE ℃
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
10
150
8
4
2
0
6
100
50
0
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
350
200
100
0
150
50
100
50
20
5
5
2
1
10
250
300
8.3 ms Single Half-Sine-Wave
(JEDEC METOD)
PERCENT OF RATED PEAK
REVERSE VOLTAGE(%)
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
0.1
40
60
80
100 120 140
20
1000
100
TJ=100°C
TJ=25°C
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
4
1.0
2
10
20
40
0.1
0.4
0.2
100
2
10
4
1
40
200
20
100
TJ=25°C
0.2
1.0
0.1
10
40
1.0
1.2
1.4
1.6
1.8
2.0
0.8
0.6
20
4
2
0.4
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4-TYPICAL INSTANTAEOUS
FORWARD CHARACTERISTICS
TJ=25°C
PULSE WIDTH 300uS
1% DUTY CYCLE
SF801 - SF804
SF808
SF805 - SF806


Similar Part No. - SF806

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF806 PACELEADER-SF806 Datasheet
587Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF806 YEASHIN-SF806 Datasheet
41Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
HY ELECTRONIC CORP.
SF806 HY-SF806 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
SF806 NIUHANG-SF806 Datasheet
339Kb / 3P
   SUPER FAST RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SF806A ASEMI-SF806A Datasheet
292Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
More results

Similar Description - SF806

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com