Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1080 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SQ1080
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SQ1080 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SQ1080 Datasheet HTML 1Page - HY ELECTRONIC CORP. SQ1080 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SQ1030 thru SQ10100
~ 213 ~
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
TJ=100
TJ=25
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
8.0
2.0
0
10.0
6.0
4.0
12.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
25
50
75
100
125
150
175
200
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
8.3Single Half-Sine-Wave
(JEDEC METOD)
1
2
5
10
20
50
100
0
60
180
240
300
120
360
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE VOLTS
TJ=25℃ ,f=1MHZ
10
100
1000
0.1
1
4
10
100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0.2
1.0
SQ1030 - SQ1035
SQ1080 - SQ10100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
SQ1050 - SQ1060
SQ1040 -
SQ1045
INSTANTANEOUS FORWARD VOLTAGE VOLTS
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.2
10
100
0.1


Similar Part No. - SQ1080

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SQ1080 HY-SQ1080 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SQ1080 HY-SQ1080_V01 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

Similar Description - SQ1080

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com