Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1535 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SQ1535
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SQ1535 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SQ1535 Datasheet HTML 1Page - HY ELECTRONIC CORP. SQ1535 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic
Polarity: Color band denotes cathode
Weight: 0.04ounces , 1.1grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL SQ1530 SQ1535 SQ1540 SQ1545 SQ1550 SQ1560 SQ1580 SQ15100 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
60
80
100
V
Maximum RMS Voltage
VRMS
21
24.5
28
31.5
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
30
35
40
45
50
60
80
100
V
Maximum Average Forward
Rectified Current
@Tc=95 ℃
I(AV)
A
Peak Forward Surge Current 8.3ms single half sine-
wave super imposed on rated load(JEDEC Method)
IFSM
A
Peak Forward Voltage at 15A DC(Note1)
VF
V
Maximum DC Reverse Current @Tj=25℃
at Rated DC Bolcking Voltage @Tj=100℃
Tyical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note2)
RθJc
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
mA
0.5
450
3.Thermal Resistance Junction to case.
IR
-55 to+200
3.5
~ 216 ~
-55 to+200
NOTES:1.300us Pulse Width, 2%Duty Cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
SQ1530 thru SQ15100
15
275
Dimensions in inches and (millimeters)
REVERSE VOLTAGE - 30 to 100Volts
FORWARD CURRENT - 15.0 Amperes
Metal of silicon rectifier , majority carrier conduction
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
SCHOTTKY BARRIER RECTIFIERS
0.55
0.7
0.8
50
DIA.
DIA.
DO- 27
210
.375(9.5)
.335(8.5)
.052(1.3)
.048(1.2)
.220(5.6)
.197(5.0)
1.0(25.4)
1.0(25.4)
MIN.
MIN.
TC measurement point


Similar Part No. - SQ1535

ManufacturerPart #DatasheetDescription
logo
Dc Components
SQ1535 DCCOM-SQ1535 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
More results

Similar Description - SQ1535

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com