Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3P600-FPQG144 Datasheet(PDF) 11 Page - Actel Corporation

Part # M1A3P600-FPQG144
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1A3P600-FPQG144 Datasheet(HTML) 11 Page - Actel Corporation

Back Button M1A3P600-FPQG144 Datasheet HTML 7Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 8Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 9Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 10Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 11Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 12Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 13Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 14Page - Actel Corporation M1A3P600-FPQG144 Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 206 page
background image
ProASIC3 Device Family Overview
v1.0
1 - 7
I/Os with Advanced I/O Standards
The ProASIC3 family of FPGAs features a flexible I/O structure, supporting a range of voltages
(1.5 V, 1.8 V, 2.5 V, and 3.3 V). ProASIC3 FPGAs support many different I/O standards—single-ended
and differential.
The I/Os are organized into banks, with two or four banks per device. The configuration of these
banks determines the I/O standards supported.
Each I/O module contains several input, output, and enable registers. These registers allow the
implementation of the following:
Single-Data-Rate applications
Double-Data-Rate applications—DDR LVDS, B-LVDS, and M-LVDS I/Os for point-to-point
communications
ProASIC3 banks for the A3P250 device and above support LVPECL, LVDS, B-LVDS and M-LVDS.
B-LVDS and M-LVDS can support up to 20 loads.
Part Number and Revision Date
Part Number 51700097-001-1
Revised February 2008
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version
Changes in Current Version (v1.0)
Page
51700097-001-1
This document was divided into two sections and given a version number,
starting at v1.0. The first section of the document includes features, benefits,
ordering information, and temperature and speed grade offerings. The second
section is a device family overview.
51700097-001-0
(January 2008)
This document was updated to include A3P015 device information. QN68 is a
new package that was added because it is offered in the A3P015. The following
sections were updated:
"Features and Benefits"
"ProASIC3 Ordering Information"
"Temperature Grade Offerings"
"ProASIC3 Product Family"
"A3P015 and A3P030" note
"Introduction and Overview"
N/A
The "ProASIC3 FPGAs Package Sizes Dimensions" table is new.
II
In the "ProASIC3 Ordering Information", the QN package measurements were
updated to include both 0.4 mm and 0.5 mm.
III
In the "General Description" section, the number of I/Os was updated from 288
to 300.
1-1
v2.2
(July 2007)
This document was previously in datasheet v2.2. As a result of moving to the
handbook format, Actel has restarted the version numbers. The new version
number is 51700097-001-0.
N/A


Similar Part No. - M1A3P600-FPQG144

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1A3P600L MICROSEMI-M1A3P600L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P600L MICROSEMI-M1A3P600L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - M1A3P600-FPQG144

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com