Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-7 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1164-7
Description  Low Power, Linear Phase 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-7 Datasheet(HTML) 1 Page - Linear Technology

  LTC1164-7_1 Datasheet HTML 1Page - Linear Technology LTC1164-7_1 Datasheet HTML 2Page - Linear Technology LTC1164-7_1 Datasheet HTML 3Page - Linear Technology LTC1164-7_1 Datasheet HTML 4Page - Linear Technology LTC1164-7_1 Datasheet HTML 5Page - Linear Technology LTC1164-7_1 Datasheet HTML 6Page - Linear Technology LTC1164-7_1 Datasheet HTML 7Page - Linear Technology LTC1164-7_1 Datasheet HTML 8Page - Linear Technology LTC1164-7_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1164-7
11647fb
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Low Power, Linear Phase
8th Order Lowpass Filter
Better Than Bessel Roll-Off
fCUTOFF up to 20kHz, Single 5V Supply
ISUPPLY = 2.5mA (Typ), Single 5V Supply
75dB THD + Noise with Single 5V Supply
Phase and Group Delay Response Fully Tested
Transient Response with No Ringing
Wide Dynamic Range
No External Components Needed
Available in 14-Lead N and 16-Lead SW Packages
The LTC1164-7 is a low power, clock-tunable monolithic
8th order lowpass filter with linear passband phase and
flat group delay. The amplitude response approximates a
maximally flat passband and exhibits steeper roll-off than
an equivalent 8th order Bessel filter. For instance, at twice
the cutoff frequency the filter attains 34dB attenuation
(vs12dB for Bessel), while at three times the cutoff fre-
quency the filter attains 68dB attenuation (vs 30dB for
Bessel). The cutoff frequency of the LTC1164-7 is tuned
via an external TTL or CMOS clock.
Low power is achieved without sacrificing dynamic range.
With single 5V supply, the S/N + THD is up to 75dB.
Optimum 91dB S/N is obtained with
±7.5V supplies.
The clock-to-cutoff frequency ratio of the LTC1164-7 can
be set to 50:1 (Pin 10 to V+) or 100:1 (Pin 10 to V ).
When the filter operates at the clock-to-cutoff frequency
ratio of 50:1, the input is double-sampled to lower the risk
of aliasing.
The LTC1164-7 is pin-compatible with the LTC1064-X
series and LTC1264-7.
10kHz Linear Phase Lowpass Filter
Frequency Response
Data Communication Filters
Time Delay Networks
Phase Matched Filters
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-7
VIN
5V
–5V
CLK = 500kHz
5V
VOUT
1164-7 TA01
NOTE: THE POWER SUPPLIES SHOULD BE BYPASSED
BY A 0.1
µF CAPACITOR CLOSE TO THE PACKAGE
AND ANY PRINTED CIRCUIT BOARD ASSEMBLY
SHOULD MAINTAIN A DISTANCE OF AT LEAST 0.2
INCHES BETWEEN ANY OUTPUT OR INPUT PIN AND
THE fCLK LINE.
FREQUENCY (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1164-7 TA02
150
140
130
120
110
100
90
80
70
DELAY
GAIN
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1164-7_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results

Similar Description - LTC1164-7_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com