Selected language     English  ▼


W005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. W005
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

   
 1 page
background image
FEATURES
Surge overload rating -50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
W005
W01
W02
W04
W06
W08
W10
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=25℃
Peak Forward Surge Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Maximum Forward Voltage Drop
Per Element at 1.5A Peak
Maximum Reverse Current at Rated
TJ=25℃
µA
DC Blocking Voltage
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
A
I(AV)
-55 to +125
5.0
50
IFSM
Dimensions in inches and (millimeters)
WO/WOM SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
SYMBOL
CHARACTERISTICS
UNIT
A
1.5
~ 310 ~
10.0
1.0
1.1
V
VF
IR
-55 to +150
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RB2002.0 A SILICON BRIDGE RECTIFIERS 1 2 Pan Jit International Inc.
KBJ15005SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU4ASILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
BR10WSILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
DT25C0025 AMP SILICON BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
DB2500P25 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB101SILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited
KBU8ASILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited
KBPC35005SILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl