Selected language     English  ▼


W005 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. W005
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

   
 2 page
background image
RATING AND CHARACTERTIC CURVES
WO/WOM SERIES
~ 311 ~
FIG.2-DERATING CURVE
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ,°C
0
1.5
50
100
150
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
TJ=25
TYPICAL
DISTRIBUTION
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
TJ=25°C
FIG.4-TYPIACL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
NUMBER OFCYCLES AT 60Hz
FIG.1-MXIMUM NON-REPETITIVE
SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
Pulse Wldth 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RB2002.0 A SILICON BRIDGE RECTIFIERS 1 2 Pan Jit International Inc.
KBJ15005SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU4ASILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
BR10WSILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
DT25C0025 AMP SILICON BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
DB2500P25 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB101SILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited
KBU8ASILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited
KBPC35005SILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl