Selected language     English  ▼


SMAJ7.0CA Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. SMAJ7.0CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

   
 2 page
background image
RATING AND CHARACTERTIC CURVES
SMAJ SERIES
~ 281 ~
TP, PULSE WIDTH
FIG.5-PULSE RATING CURVE
0.1us
100
10
1.0
0.1
1.0us
10us
100us
1.0ms
10ms
TA=25℃
NON-REPETIVE PULSE WAVE
FORM SHOWN IN FIG.3
T, TIME (ms)
0
FIG.3-PULSE WAVEFORM
TR=10us
Peak value(IRSM)
Half value =
2
IRSM
Pulse with (Tp) is defined
as that point where the
peak current decays to
50% of IRSM
10*1000waveform as
defined by R.E.A
100
50
1.0
2.0
3.0
4.0
0
TJ
=25°C
TP
STAND-OFF VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
1
100
10000
1000
100
10
4
10
1000
Bi-directional
Uni-directional
TJ=25℃
TL, LEAD TEMPERATURE
FIG.6-STEADY STATE POWER
DERATING CURVE
1.0
0.8
0.6
0.4
0.2
0.0
60Hz RESISTIVE OR
INDUCTIVE LOAD
25
50
75
100
125
150
175
200
0
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
TA AMBIENT TEMPERATURE,℃
FIG.1-PULSE DERATING CURVE
10*1000 WAVEFORM
AS DEFINED BY R.E.A
50
0
100
75
25
25
50
75
100
125 150
175 200
0




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P6SMB220Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 Diotec Semiconductor
P6SMBJ5.0Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 4 Diotec Semiconductor
TGL41-6.8_07Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 4 Diotec Semiconductor
TGL34-6.8_07Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 4 Diotec Semiconductor
TGL41-6Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 3 Semikron International
P4SMAJ150_07Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 Semikron International
1.5SMC220Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 Diotec Semiconductor
1.5SMCJ5.0Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 4 Diotec Semiconductor
P4SMA220Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 Diotec Semiconductor
P4SMAJ5.0Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 Diotec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl