Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ8.5C Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # SMBJ8.5C
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMBJ8.5C Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  SMBJ8.5C Datasheet HTML 1Page - HY ELECTRONIC CORP. SMBJ8.5C Datasheet HTML 2Page - HY ELECTRONIC CORP. SMBJ8.5C Datasheet HTML 3Page - HY ELECTRONIC CORP. SMBJ8.5C Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMBJ5.0
SMBJ5.0C
KD
AD
5.0
6.40
7.55
10
9.6
62.5
800
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.25
10
9.2
65.2
800
SMBJ6.0
SMBJ6.0C
KF
AF
6.0
6.67
8.45
10
11.4
52.3
800
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.67
10
10.3
58.3
800
SMBJ6.5
SMBJ6.5C
KH
AH
6.5
7.22
9.14
10
12.3
48.7
500
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
8.30
10
11.2
53.6
500
SMBJ7.0
SMBJ7.0C
KL
AL
7.0
7.78
9.86
10
13.3
45.1
200
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.95
10
12.0
50.0
200
SMBJ7.5
SMBJ7.5C
KN
AN
7.5
8.33
10.80
1.0
14.3
42.0
100
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.58
1.0
12.9
46.5
100
SMBJ8.0
SMBJ8.0C
KQ
AQ
8.0
8.89
11.30
1.0
15.0
40.0
50
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
10.20
1.0
13.6
44.1
50
SMBJ8.5
SMBJ8.5C
KS
AS
8.5
9.44
11.90
1.0
15.9
37.7
20
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.80
1.0
14.4
41.7
20
SMBJ9.0
SMBJ9.0C
KU
AU
9.0
10.00
12.80
1.0
16.9
35.5
10
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.00
11.50
1.0
15.4
39.0
10
SMBJ10
SMBJ10C
KW
AW
10.0
11.10
14.10
1.0
18.8
31.9
5.0
SMBJ10A
SMBJ10CA
KX
AX
10.0
11.10
12.80
1.0
17.0
35.3
5.0
SMBJ11
SMBJ11C
KY
AY
11.0
12.20
15.40
1.0
20.1
29.9
5.0
SMBJ11A
SMBJ11CA
KZ
AZ
11.0
12.20
14.40
1.0
18.2
33.0
5.0
SMBJ12
SMBJ12C
LD
BD
12.0
13.30
16.90
1.0
22.0
27.3
5.0
SMBJ12A
SMBJ12CA
LE
BE
12.0
13.30
15.30
1.0
19.9
30.2
5.0
SMBJ13
SMBJ13C
LF
BF
13.0
14.40
18.20
1.0
23.8
25.2
5.0
SMBJ13A
SMBJ13CA
LG
BG
13.0
14.40
16.50
1.0
21.5
27.9
5.0
SMBJ14
SMBJ14C
LH
BH
14.0
15.60
19.80
1.0
25.8
23.3
5.0
SMBJ14A
SMBJ14CA
LK
BK
14.0
15.60
17.90
1.0
23.2
25.8
5.0
SMBJ15
SMBJ15C
LL
BL
15.0
16.70
21.10
1.0
26.9
22.3
5.0
SMBJ15A
SMBJ15CA
LM
BM
15.0
16.70
19.20
1.0
24.4
24.0
5.0
SMBJ16
SMBJ16C
LN
BN
16.0
17.80
22.60
1.0
28.8
20.8
5.0
SMBJ16A
SMBJ16CA
LP
BP
16.0
17.80
20.50
1.0
26.0
23.1
5.0
SMBJ17
SMBJ17C
LQ
BP
17.0
18.90
23.90
1.0
30.5
19.7
5.0
SMBJ17A
SMBJ17CA
LR
BR
17.0
18.90
21.70
1.0
27.6
21.7
5.0
SMBJ18
SMBJ18C
LS
BS
18.0
20.00
25.30
1.0
32.2
18.6
5.0
SMBJ18A
SMBJ18CA
LT
BT
18.0
20.00
23.30
1.0
29.2
20.5
5.0
SMBJ20
SMBJ20C
LU
BU
20.0
22.20
28.10
1.0
35.8
16.7
5.0
SMBJ20A
SMBJ20CA
LV
BV
20.0
22.20
25.50
1.0
32.4
18.5
5.0
SMBJ22
SMBJ22C
LW
BW
22.0
24.40
30.90
1.0
39.4
15.2
5.0
SMBJ22A
SMBJ22CA
LX
BX
22.0
24.40
28.00
1.0
35.5
16.9
5.0
SMBJ24
SMBJ24C
LY
BY
24.0
26.70
33.80
1.0
43.0
14.0
5.0
SMBJ24A
SMBJ24CA
LZ
BZ
24.0
26.70
30.70
1.0
38.9
15.4
5.0
SMBJ26
SMBJ26C
MD
CD
26.0
28.90
36.80
1.0
46.6
12.4
5.0
SMBJ26A
SMBJ26CA
ME
CE
26.0
28.90
32.20
1.0
42.1
14.2
5.0
SMBJ28
SMBJ28C
MF
CF
28.0
31.10
39.40
1.0
50.0
12.0
5.0
SMBJ28A
SMBJ28CA
MG
CG
28.0
31.10
35.80
1.0
45.4
13.2
5.0
SMBJ30
SMBJ30C
MH
CH
30.0
33.30
42.40
1.0
53.5
11.2
5.0
SMBJ30A
SMBJ30CA
MK
CK
30.0
33.30
38.30
1.0
48.4
12.4
5.0
SMBJ33
SMBJ33C
ML
CL
33.0
36.70
46.90
1.0
59.0
10.2
5.0
SMBJ33A
SMBJ33CA
MM
CM
33.0
36.70
42.20
1.0
53.3
11.3
5.0
~ 286 ~
SMBJ SERIES
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional


Similar Part No. - SMBJ8.5C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ8.5C BYTES-SMBJ8.5C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ8.5C SEMITECH-SMBJ8.5C Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
SMBJ8.5C EIC-SMBJ8.5C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ8.5C SOCAY-SMBJ8.5C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ8.5C MCC-SMBJ8.5C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ8.5C

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com