Selected language     English  ▼


W005MG Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. W005MG
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

   
 1 page
background image
FEATURES
Surge overload rating -50 amperes peak
Ldeal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
Mounting Position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
W005G
W01G
W02G
W04G
W06G
W08G
W10G
W005MG W01MG W02MG W04MG W06MG W08MG W10MG
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=25℃
Peak Forward Surge Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Maximum Forward Voltage Drop Per Element
at 1.5A Peak
Maximum Reverse Current at Rated
TJ=25℃
μA
DC Blocking Voltage
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
CHARACTERISTICS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
I(AV)
1.5
WOXG/WOXMG SERIES
GLASS PASSIVATED
BRIDGE RECTIFIERS
5.0
50
Dimensions in inches and (millimeters)
IFSM
A
SYMBOL
UNIT
A
~ 398 ~
10.0
1.0
1.1
V
VF
-55 to +150
IR
-55 to +150
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABS2_1Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBU601_1Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TSS4B01G_1Single Phase 4.0 Amps. Glass Passivated Super Fast Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBJ2005GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
GBU6005GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
GBJ-KBJ6ASINGLE PHASE 6.0/8.0/10.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 Yangzhou yangjie electronic co., ltd
DF15005M_11.5A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
GBU801_1Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU4AGGLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
GBJ6005GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl