Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1196-2BCS8-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1196-2BCS8-PBF
Description  8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196-2BCS8-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC1196-2BCS8-PBF Datasheet HTML 1Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 2Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 3Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 4Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 5Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 6Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 7Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 8Page - Linear Technology LTC1196-2BCS8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC1196/LTC1198
4
119698fa
DIGITAL AND DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
l
0.4
V
IOZ
Hi-Z Output Leakage
CS = High
l
±3
μA
ISOURCE
Output Source Current
VOUT = 0V
–25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
IREF
Reference Current, LTC1196
CS = VCC
fSMPL = fSMPL(MAX)
l
l
0.001
0.5
3
1
μA
mA
ICC
Supply Current
CS = VCC, LTC1198 (Shutdown)
CS = VCC, LTC1196
fSMPL = fSMPL(MAX), LTC1196/LTC1198
l
l
l
0.001
7
11
3
15
20
μA
mA
mA
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions,
unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
LTC1196
TYP
MAX
MIN
LTC1198
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise Plus Distortion
500kHz/1MHz Input Signal
47/45
47/45
dB
THD
Total Harmonic Distortion
500kHz/1MHz Input Signal
49/47
49/47
dB
Peak Harmonic or Spurious Noise
500kHz/1MHz Input Signal
55/48
55/48
dB
IMD
Intermodulation Distortion
fIN1 = 499.37kHz
fIN2 = 502.446kHz
51
51
dB
Full-Power Bandwidth
8
8
MHz
Full Linear Bandwidth [S/(N + D) > 44dB
1
1
MHz
AC CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
LTC1196-1
LTC1198-1
TYP
MAX
MIN
LTC1196-2
LTC1198-2
TYP
MAX
UNITS
tCONV
Conversion Time (See Figures 1, 2)
l
600
710
710
900
ns
ns
fSMPL(MAX) Maximum Samping Frequency
LTC1196
LTC1196
LTC1198
LTC1198
l
l
1.20
1.00
0.90
0.75
1.00
0.80
0.75
0.60
MHz
MHz
MHz
MHz
tdDO
Delay Time, CLK
↑ to DOUT Data Valid
CLOAD = 20pF
l
55
64
73
68
78
94
ns
ns
tDIS
Delay Time CS
↑ to DOUT Hi-Z
l
70
120
88
150
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
CLOAD = 20pF
l
30
50
43
63
ns
thDO
Time Output Data Remains Valid After
CLK
CLOAD = 20pF
l
30
45
30
55
ns
tf
DOUT Fall Time
CLOAD = 20pF
l
515
10
20
ns
tr
DOUT Rise
CLOAD = 20pF
l
515
10
20
ns
CIN
Input Capacitance
Analog Input On Channel
Analog Input Off Channel
Digital Input
30
5
5
30
5
5
pF
pF
pF


Similar Part No. - LTC1196-2BCS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196-2BCS8 LINER-LTC1196-2BCS8 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1196-2BCS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com