Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1232 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1232
Description  Microprocessor Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1232 Datasheet(HTML) 6 Page - Linear Technology

  LTC1232 Datasheet HTML 1Page - Linear Technology LTC1232 Datasheet HTML 2Page - Linear Technology LTC1232 Datasheet HTML 3Page - Linear Technology LTC1232 Datasheet HTML 4Page - Linear Technology LTC1232 Datasheet HTML 5Page - Linear Technology LTC1232 Datasheet HTML 6Page - Linear Technology LTC1232 Datasheet HTML 7Page - Linear Technology LTC1232 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1232
sn1232 1232fas
active low for a minimum of 250ms from the moment the
push-button reset input is released from logic low level.
RST: RST is an Active High Logic Output. It is the inverse
of RST.
ST: Logic Input to Reset the Watchdog Timer. Driving ST
either high or low longer than the time-out period set by
the TD input, forces the reset outputs to active states for
a minimum of 250ms. The timer resets itself and begins to
time-out again with each high to low transition on the ST
input (see Figure 2).
PI FU CTIO S
APPLICATIO S I FOR ATIO
Figure 1. Reset Active Time
RST: Open Drain Logic Output for µP Reset Control.
The LTC1232 provides three ways to generate µP reset.
First, when VCC falls below VCC trip point (4.75V with
TOL = GND and 4.5V with TOL = VCC), RST goes active low.
After VCC returns to 5V, the reset pulse generator forces
RST to remain active low for a minimum of 250ms.
Second, when the watchdog timer is not serviced prior to
a selected time-out period, the reset pulse generator also
forces RST to active low for a minimum of 250ms and
repeats for every time-out period. Third and the last, when
the PB RST pin stays active low for a minimum of 40ms,
RST becomes active low. The RST output will remain
The precision voltage comparator, C1, typically has 40mV
of hysteresis which ensures that glitches at VCC pin do not
activate the reset outputs. Response time is typically 10µs.
To help prevent mitriggering due to transient loads, VCC
pin should be bypassed with a 0.1µF capacitor with the
leads trimmed as short as possible.
Push-Button Reset
The LTC1232 provides a logic input pin, PB RST, for direct
connection to a push-button. This push-button reset input
requires an active low signal. Internally, this input signal is
debounced and timed for a minimum of 40ms. When this
Power Monitoring
The LTC1232 uses a bandgap voltage reference and a
precision voltage comparator, C1, to monitor the 5V
supply input on VCC (see Block Diagram). When VCC falls
below the VCC trip point (4.62V typical with
TOL = GND and 4.37V typical with TOL VCC), the reset
outputs are forced to active states. The VCC trip point
accounts for a 5% or 10% variation on VCC, so the reset
outputs become active when VCC falls below the VCC trip
point. On power-up, the reset signals are held in active
states for a minimum of 250ms after the VCC trip point is
reached to allow the power supply and microprocessor
to stabilize. On power-down, the RST signal remains
active low even with VCC as low as 1V. This capability helps
hold the microprocessor in stable shutdown condition.
Figure 1 shows the timing diagram of the RST signal.
V2
V2
V1
V1
V1 = VCC TRIP POINT
V2 = VCC TRIP POINT + VHYS
t1 = RESET ACTIVE TIME
t1
VCC
LTC1232 • TA03
RST
t1


Similar Part No. - LTC1232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC1232 LINER-LTC1232 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1232 LINER-LTC1232 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC1232 LINER-LTC1232 Datasheet
119Kb / 8P
   Microprocessor Supervisory Circuits
LTC1232C LINER-LTC1232C Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
More results

Similar Description - LTC1232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com