Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1264-7MJ Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1264-7MJ
Description  Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264-7MJ Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1264-7MJ Datasheet HTML 6Page - Linear Technology LTC1264-7MJ Datasheet HTML 7Page - Linear Technology LTC1264-7MJ Datasheet HTML 8Page - Linear Technology LTC1264-7MJ Datasheet HTML 9Page - Linear Technology LTC1264-7MJ Datasheet HTML 10Page - Linear Technology LTC1264-7MJ Datasheet HTML 11Page - Linear Technology LTC1264-7MJ Datasheet HTML 12Page - Linear Technology LTC1264-7MJ Datasheet HTML 13Page - Linear Technology LTC1264-7MJ Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1264-7
12647fa
10
NC Pin (1, 5, 8, 13)
Pins 1, 5, 8 and 13 are not connected to any internal circuit
point on the device and should be preferably tied to analog
ground.
Filter Input Pin (2)
The input pin is connected internally through a 50k resis-
tor tied to the inverting input of an op amp.
Analog Ground Pins (3, 5)
The filter performance depends on the quality of the
analog signal ground. For either dual or single supply
operation, an analog ground plane surrounding the pack-
age is recommended. The analog ground plane should be
connected to any digital ground at a single point. For dual
supply operation, pin 3 should be connected to the analog
ground plane. For single supply operation pin 3 should be
biased at 1/2 supply and should be bypassed to the analog
ground plane with at least a 1
µF capacitor (Figure 3). For
single 5V operation at the highest fCLK of 2MHz, pin 3
should be biased at 2V. This minimizes passband gain and
phase variations.
Power Supply Pins (4, 12)
The V
+ (pin 4) and the V (pin 12) should each be
bypassed with a 0.1
µF capacitor to an adequate analog
ground. The filter’s power supplies should be isolated
from other digital or high voltage analog supplies. A low
noise linear supply is recommended. Using a switching
power supply will lower the signal-to-noise ratio of the
filter. The supply during power-up should have a slew rate
less than 1V/
µs. When V+ is applied before Vand Vis
allowed to go above ground, a signal diode should clamp
V
to prevent latch-up. Figures 2 and 3 show typical
connections for dual and single supply operation.
Figure 2. Dual Supply Operation for an fCLK/fCUTOFF = 25:1
Figure 3. Single Supply Operation for an fCLK/fCUTOFF = 25:1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
200
V
VOUT
LTC1264-7
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
1264-7 F02
0.1
µF
0.1
µF
V+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
200
VOUT
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
1264-7 F03
+
LTC1264-7
0.1
µF
1
µF
10k
10k
V+
PI FU CTIO S
Filter Output Pins (6, 9)
Pin 9 is the specified output of the filter; it can typically
source 3mA and sink 1mA. Driving coaxial cables or
resistive loads less than 20k will degrade the total har-
monic distortion of the filter. When evaluating the device’s
distortion an output buffer is required. A noninverting
buffer, Figure 4, can be used provided that its input
common-mode range is well within the filter’s output
swing. Pin 6 is an intermediate filter output providing an
unspecified 6th order lowpass filter. Pin 6 should not be
loaded.
1k
1264-7 F04
LT1220
Figure 4. Buffer for Filter Output


Similar Part No. - LTC1264-7MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7MJ LINER-LTC1264-7MJ Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results

Similar Description - LTC1264-7MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com