Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272-3CCN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1272-3CCN
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3CCN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1272-3CCN Datasheet HTML 5Page - Linear Technology LTC1272-3CCN Datasheet HTML 6Page - Linear Technology LTC1272-3CCN Datasheet HTML 7Page - Linear Technology LTC1272-3CCN Datasheet HTML 8Page - Linear Technology LTC1272-3CCN Datasheet HTML 9Page - Linear Technology LTC1272-3CCN Datasheet HTML 10Page - Linear Technology LTC1272-3CCN Datasheet HTML 11Page - Linear Technology LTC1272-3CCN Datasheet HTML 12Page - Linear Technology LTC1272-3CCN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1272
1272fb
S
APPLICATI
I FOR ATIO
Figure 5. RD and CLK IN for Synchronous Operation
LTC1272 • TA06
CS & RD
BUSY
CLK IN
≥40ns*
t2
t14
tCONV
t13
DB0
(LSB)
DB1
DB10
DB11
(MSB)
UNCERTAIN CONVERSION TIME FOR 30ns
<t
14 < 180ns
THE LTC1272 IS ALSO COMPATIBLE WITH THE AD7572 SYNCHRONIZATION MODES.
*
Figure 5. Nevertheless, even without observing this guide-
line, the LTC1272 is still compatible with AD7572 synchro-
nization modes, with no increase in linearity error. This
means that either the falling or rising edge of CLK IN may
be near RD’s falling edge.
Driving the Analog Input
The analog input of the LTC1272 is much easier to drive
than that of the AD7572. The input current is not modu-
lated by the DAC as in the AD7572. It has only one small
current spike from charging the sample-and-hold capaci-
tor at the end of the conversion. During the conversion the
analog input draws only DC current. The only requirement
is that the amplifier driving the analog input must settle
after the small current spike before the next conversion is
started. Any op amp that settles in 1
µs to small current
transients will allow maximum speed operation. If slower
op amps are used, more settling time can be provided by
increasing the time between conversions. Suitable de-
vices capable of driving the LTC1272 AIN input include the
LT1006 and LT1007 op amps.
Internal Clock Oscillator
Figure 6 shows the LTC1272 internal clock circuit. A
crystal or ceramic resonator may be connected between
CLK IN (Pin 17) and CLK OUT (Pin 18) to provide a clock
oscillator for ADC timing. Alternatively the crystal/resona-
tor may be omitted and an external clock source may be
connected to CLK IN. For an external clock the duty cycle
is not critical. An inverted CLK IN signal will appear at the
CLK OUT pin as shown in the operating waveforms of
Figure 7. Capacitance on the CLK OUT pin should be
minimized for best analog performance.
Internal Reference
The LTC1272 has an on-chip, temperature compensated,
curvature corrected, bandgap reference, which is factory
trimmed to 2.42V
±1%. It is internally connected to the
DAC and is also available at pin 2 to provide up to 1mA
current to an external load.
For minimum code transition noise the reference output
should be decoupled with a capacitor to filter wideband
noise from the reference (10
µF tantalum in parallel with a
0.1
µF ceramic). A simplified schematic of the reference
with its recommended decoupling is shown in Figure 8.
Figure 6. LTC1272 Internal Clock Circuit
LTC1272 • TA09
CLK OUT
CLK IN
C1
C2
18
17
1M
CLOCK
LTC1272
NOTES:
LTC1272-3 – 4MHz CRYSTAL/CERAMIC RESONATOR
LTC1272-8 – 1.6MHz CRYSTAL/CERAMIC RESONATOR


Similar Part No. - LTC1272-3CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272-3CCN LINER-LTC1272-3CCN Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
More results

Similar Description - LTC1272-3CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1272 LINER-LTC1272_15 Datasheet
295Kb / 22P
   12-Bit, 3s, 250kHz Sampling A/D Converter
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800_14 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com