Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1287CCJ8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1287CCJ8
Description  3V Single Chip 12-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287CCJ8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1287CCJ8 Datasheet HTML 5Page - Linear Technology LTC1287CCJ8 Datasheet HTML 6Page - Linear Technology LTC1287CCJ8 Datasheet HTML 7Page - Linear Technology LTC1287CCJ8 Datasheet HTML 8Page - Linear Technology LTC1287CCJ8 Datasheet HTML 9Page - Linear Technology LTC1287CCJ8 Datasheet HTML 10Page - Linear Technology LTC1287CCJ8 Datasheet HTML 11Page - Linear Technology LTC1287CCJ8 Datasheet HTML 12Page - Linear Technology LTC1287CCJ8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1287
9
1287fa
S
APPLICATI
I FOR ATIO
such as obtained from a voltage regulator (e.g., LT1117).
For high frequency bypassing a 0.1
µF ceramic disk placed
in parallel with the 22
µF is recommended. Again the leads
should be kept to a minimum. Using a battery to power the
LTC1287 will help reduce the amount of bypass capacitance
required on the VCC pin. A battery placed close to the
device will only require 10
µF to adequately bypass the
supply pin. Figure 4 shows the effect of poor VCCbypassing.
Figure 5 shows the settling of a LT1117 low dropout
regulator with a 22
µF bypass capacitor. The noise and
ripple is kept around 0.5mV. Figure 6 shows the response
of a lithium battery with a 10
µF bypass capacitor. The
noise and ripple is kept below 0.5mV.
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1287 have
Figure 5. LT1117 Regulator with 22
µF Bypassing on VCC
CS
5V/DIV
VCC
0.5mV/DIV
HORIZONTAL: 20
µs/DIV
Figure 6. Lithium Battery with 10
µF Bypassing on VCC
CS
5V/DIV
VCC
0.5mV/DIV
HORIZONTAL: 20
µs/DIV
capacitive switching input current spikes. These current
spikes settle quickly and do not cause a problem. If large
source resistances are used or if slow settling op amps
drive the inputs, take care to insure the transients caused
by the current spikes settle completely before the
conversion begins.
Source Resistance
The analog inputs of the LTC1287 look like a 100pF
capacitor (CIN) in series with a 1.5k resistor (RON). This
value for RON is for VCC = 2.7V. With larger supply voltages
RON will be reduced. For example, with VCC = 2.7V and V
= – 2.7V, RON becomes 500Ω. CIN gets switched between
(+) and (–) inputs once during each conversion cycle.
Large external source resistors and capacitances will slow
the settling of the inputs. It is important that the overall RC
time constant is short enough to allow the analog inputs
to settle completely within the allowed time.
Figure 7. Analog Input Equivalent Circuit
HORIZONTAL: 10
µs/DIV
Figure 4. Poor VCC Bypassing. Noise and
Ripple Can Cause A/D Errors
CS
RON = 1.5k
tWHCS +
1/2 CLK
CIN =
100pF
LTC1287
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE
VIN
C2
LTC1287 F07


Similar Part No. - LTC1287CCJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287CCJ LINER-LTC1287CCJ Datasheet
324Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1287CCJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287 Datasheet
324Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com