Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S913T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # S913T
Description  MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S913T Datasheet(HTML) 6 Page - Vishay Siliconix

  S913T Datasheet HTML 1Page - Vishay Siliconix S913T Datasheet HTML 2Page - Vishay Siliconix S913T Datasheet HTML 3Page - Vishay Siliconix S913T Datasheet HTML 4Page - Vishay Siliconix S913T Datasheet HTML 5Page - Vishay Siliconix S913T Datasheet HTML 6Page - Vishay Siliconix S913T Datasheet HTML 7Page - Vishay Siliconix S913T Datasheet HTML 8Page - Vishay Siliconix S913T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
S913T/S913TR/S913TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
6 (9)
Document Number 85059
VDS = 9 V, VG2S = 4 V , Z0 = 50 W
S11
12 952
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
50
1300MHz
300
550
800
1050
Figure 9. Input reflection coefficient
S21
0
°
90
°
–90
°
1.0
2.0
–150
°
–120
°
–60
°
–30
°
120
°
60
°
30
°
12 954
50
1300MHz
300
550
800
1050
Figure 10. Forward transmission coefficient
S12
0
°
90
°
180
°
–90
°
0.008
0.016
–150
°
–120
°
–60
°
–30
°
120
°
60
°
30
°
12 953
50
1300MHz
550
1050
Figure 11. Reverse transmission coefficient
S22
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
12 955
50
1300MHz
550
Figure 12. Output reflection coefficient


Similar Part No. - S913T

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S9131-45R HARWIN-S9131-45R Datasheet
117Kb / 1P
   SYCAMORE CONTACT 횠1.00mm TOP ENTRY SOCKET IN TAPE & REEL
logo
Hamamatsu Corporation
S9132 HAMAMATSU-S9132 Datasheet
152Kb / 6P
   Profile sensor High-speed frame rate sensor capable of acquiring two-dimensional projection data
S9132 HAMAMATSU-S9132_15 Datasheet
179Kb / 10P
   High-speed frame rate sensor capable of acquiring two-dimensional projection data
More results

Similar Description - S913T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S904T VISHAY-S904T Datasheet
77Kb / 4P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S974T VISHAY-S974T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S952T VISHAY-S952T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T_05 Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S949T VISHAY-S949T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.5, 08-Sep-08
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S849T VISHAY-S849T Datasheet
135Kb / 8P
   MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com