Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF4001 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SF4001
Description  Super Fast Soft Recovery Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4001 Datasheet(HTML) 4 Page - Vishay Siliconix

  SF4001 Datasheet HTML 1Page - Vishay Siliconix SF4001 Datasheet HTML 2Page - Vishay Siliconix SF4001 Datasheet HTML 3Page - Vishay Siliconix SF4001 Datasheet HTML 4Page - Vishay Siliconix SF4001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF4001...SF4007
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
4 (5)
Document Number 86060
Dimensions in mm
Cathode Identification
∅ 3.6 max.
∅ 0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5 g
technical drawings
according to DIN
specifications
94 9538
26 min.
26 min.


Similar Part No. - SF4001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4001 VISHAY-SF4001 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Aug-10
SF4001 VISHAY-SF4001 Datasheet
128Kb / 6P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9, 11-Sep-12
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4001 VISHAY-SF4001 Datasheet
141Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
logo
Gulf Semiconductor
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - SF4001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT44 VISHAY-BYT44 Datasheet
42Kb / 4P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
SF5400 VISHAY-SF5400 Datasheet
51Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
SF5400 SUNMATE-SF5400 Datasheet
166Kb / 2P
   3A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYT42 VISHAY-BYT42 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
   Fast soft-recovery rectifier
1998 Nov 25
logo
Vishay Siliconix
S414D VISHAY-S414D Datasheet
36Kb / 3P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
   Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
   Fast soft-recovery rectifier
1996 Jun 07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com