Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1391I Datasheet(PDF) 9 Page - Linear Technology

Part # 1391I
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1391I Datasheet(HTML) 9 Page - Linear Technology

Back Button 1391I Datasheet HTML 4Page - Linear Technology 1391I Datasheet HTML 5Page - Linear Technology 1391I Datasheet HTML 6Page - Linear Technology 1391I Datasheet HTML 7Page - Linear Technology 1391I Datasheet HTML 8Page - Linear Technology 1391I Datasheet HTML 9Page - Linear Technology 1391I Datasheet HTML 10Page - Linear Technology 1391I Datasheet HTML 11Page - Linear Technology 1391I Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1391
sn1391 1391fas
PACKAGE DESCRIPTIO
GN16 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.009
(0.229)
REF
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)


Similar Part No. - 1391I

ManufacturerPart #DatasheetDescription
logo
Heyco.
13910 HEYCO-13910 Datasheet
133Kb / 1P
   Double D Hole Plugs
logo
Pentair plc. All rights...
13911 PENTAIR-13911 Datasheet
4Mb / 56P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Heyco.
13911 HEYCO-13911 Datasheet
133Kb / 1P
   Double D Hole Plugs
logo
TE Connectivity Ltd
139128-000 TEC-139128-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
List of Unclassifed Man...
13915 ETC2-13915 Datasheet
20Kb / 1P
   Item 13915, Size No. 1 Phillips Screwdriver
More results

Similar Description - 1391I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com