Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1403AIMSE-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1403AIMSE-1
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403AIMSE-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1403AIMSE-1 Datasheet HTML 3Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 4Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 5Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 6Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 7Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 8Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 9Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 10Page - Linear Technology LTC1403AIMSE-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1403-1/LTC1403A-1
14031f
Reference Voltage vs Load
Current
Reference Voltage vs VDD
VDD Supply Current vs
Conversion Rate
2.5VP-P Power Bandwidth
CMRR vs Frequency
PSRR vs Frequency
TA = 25°C, VDD = 3V (LTC1403-1 and LTC1403A-1)
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
14031 G12
–24
–30
–36
6
12
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
14031 G13
10M
100M
FREQUENCY (Hz)
110
–50
–45
–40
–35
–30
100
1k
10k
100k
1M
14031 G14
–55
–60
–65
–70
–25
LOAD CURRENT (mA)
0.4
0.8
1.2
1.6
14031 G15
2.0
0.2
0
0.6
1.0
1.4
1.8
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
VDD (V)
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
2.8
3.0
3.2
3.4
14031 G16
2.6
3.6
CONVERSION RATE (Msps)
0
2.0
1.6
1.2
0.8
0.4
2.8 3.2
2.4
3.6 4.0
14031 G17
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1403AIMSE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403AIMSE LINER-LTC1403AIMSE Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC1403AIMSE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com