Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5012N2L Datasheet(PDF) 2 Page - Emerson Network Power

Part # AD5012N2L
Description  Universal AC input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AD5012N2L Datasheet(HTML) 2 Page - Emerson Network Power

  AD5012N2L Datasheet HTML 1Page - Emerson Network Power AD5012N2L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 03.19.08
AD50 Series
2 of 2
Embedded Power for
Business-Critical Continuity
Mechanical Drawing
Ordering Information
Model
Number
Maximum
Power
Output
Voltage
Maximum
Load
Peak Load1
Regulation2
Ripple
P/P (PARD)3
AD5012N3L
50 W
12 Vdc
4.16 A
6 A
±5%
<500 mV
AD5012N2L
50 W
12 Vdc
4.16 A
6 A
±5%
<500 mV
1. Peak current lasting 200ms every 3 seconds.
2. At 25
ºC including initial tolerance, line voltage, load currents and output voltages adjusted to factory
settings.
3. Peak-to-peak with 20MHz bandwidth and 10μF (tantalum capacitor) in parallel with a 0.1μF capacitor at rated
line voltage and load ranges.
4.72˝
(120)
48˝
(1219 ±20)
0.4˝
(10.5)
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is
± 0.02" (±0.5mm)
3. Warranty: 2 year
4. Weight: 0.61 lb./ 0.28 kg
5. AC input power cord sold separately.
6. Specifications at factory settings at 115VAC input,
25°C unless otherwise stated
7. AC Input Connector: IEC320, C6 or C8
C8
C6
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power


Similar Part No. - AD5012N2L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD5012N2LM EMERSON-NETWORKPOWER-AD5012N2LM Datasheet
236Kb / 2P
   Universal AC input
logo
Astec America, Inc
AD5012N2LM ASTEC-AD5012N2LM Datasheet
472Kb / 2P
   AD50 Medical Series
AD5012N2LM-0001 ASTEC-AD5012N2LM-0001 Datasheet
472Kb / 2P
   AD50 Medical Series
More results

Similar Description - AD5012N2L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
   Universal AC Input
PA-1600-31 LITEON-PA-1600-31 Datasheet
547Kb / 2P
   Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com