Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1408-12 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1408-12
Description  6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1408-12 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1408-12 Datasheet HTML 4Page - Linear Technology LTC1408-12 Datasheet HTML 5Page - Linear Technology LTC1408-12 Datasheet HTML 6Page - Linear Technology LTC1408-12 Datasheet HTML 7Page - Linear Technology LTC1408-12 Datasheet HTML 8Page - Linear Technology LTC1408-12 Datasheet HTML 9Page - Linear Technology LTC1408-12 Datasheet HTML 10Page - Linear Technology LTC1408-12 Datasheet HTML 11Page - Linear Technology LTC1408-12 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1408-12
140812f
VDD (Pin 25): 3V Positive Digital Supply. This pin supplies
3V to the logic section. Bypass to DGND pin and solid
analog ground plane with a 10
µF ceramic capacitor (or
10
µF tantalum in parallel with 0.1µF ceramic). Keep in
mind that internal digital output signal currents flow
through this pin. Care should be taken to place the 0.1
µF
bypass capacitor as close to Pin 25 as possible. Pin 25
must be tied to Pin 24.
SEL2 (Pin 26): Most significant bit controlling the
number of channels being converted. In combination with
SEL1 and SEL0, 000 selects just the first channel (CH0) for
conversion. Incrementing SELx selects additional
channels(CH0–CH5) for conversion. 101, 110 or 111
select all 6 channels for conversion. Must be kept in a fixed
state during conversion and during the subsequent con-
version to read data.
SEL1 (Pin 27): Middle significance bit controlling the
number of channels being converted. In combination with
SEL0 and SEL2, 000 selects just the first channel (CH0) for
conversion. Incrementing SELx selects additional
channels for conversion. 101, 110 or 111 select all 6
channels (CH0–CH5) for conversion. Must be kept in a
fixed state during conversion and during the subsequent
conversion to read data.
SEL0 (Pin 28): Least significant bit controlling the
number of channels being converted. In combination with
SEL1 and SEL2, 000 selects just the first channel (CH0) for
conversion. Incrementing SELx selects additional
channels for conversion. 101, 110 or 111 select all 6
channels (CH0–CH5) for conversion. Must be kept in a
fixed state during conversion and during the subsequent
conversion to read data.
PI FU CTIO S
BIP (Pin 29): Bipolar/Unipolar Mode. The input differen-
tial range is 0V – 2.5V when BIP is LOW, and it is
±1.25V
when BIP is HIGH. Must be kept in fixed state during
conversion and during subsequent conversion to read
data. When changing BIP between conversions the full
acquisition time must be allowed before starting the next
conversion. The output data is in 2’s complement
format for bipolar mode and straight binary format for
unipolar mode.
CONV (Pin 30): Convert Start. Holds the six analog input
signals and starts the conversion on CONV’s rising edge.
Two CONV pulses with SCK in fixed high or fixed low state
starts Nap mode. Four or more CONV pulses with SCK in
fixed high or fixed low state starts Sleep mode.
DGND (Pin 31): Digital Ground. This ground pin must be
tied directly to the solid ground plane. Digital input signal
currents flow through this pin.
SCK (Pin 32): External Clock Input. Advances the conver-
sion process and sequences the output data at SD0 (Pin1)
on the rising edge. One or more SCK pulses wake from
sleep or nap power saving modes. 16 clock cycles are
needed for each of the channels that are activated by SELx
(Pins 26, 27, 28), up to a total of 96 clock cycles needed
to convert and read out all 6 channels.
EXPOSED PAD (Pin 33): GND. Must be tied directly to the
solid ground plane.


Similar Part No. - LTC1408-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results

Similar Description - LTC1408-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com