Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE01 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEE01
Description  10 W, Single output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEE01 Datasheet(HTML) 2 Page - Emerson Network Power

  AEE01 Datasheet HTML 1Page - Emerson Network Power AEE01 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astec.com
Rev:July 03
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
18-36 V
3.3 @ 2.5 A
76%
AEE02F24
18-36 V
5.0 @ 2.0 A
78%
AEE02A24
18-36 V
8.0 @ 1.25A
78%
AEE01L24
18-36 V
12.0 @ 0.84 A
82%
AEE00B24
18-36 V
15.0 @ 0.67 A
82%
AEE00C24
36-72 V
3.3 @ 2.5 A
77%
AEE02F48
36-72 V
5.0 @ 2.0 A
79%
AEE02A48
36-72 V
8.0 @ 1.25 A
77%
AEE01L48
36-72 V
12.0 @ 0.84 A
84%
AEE00B48
36-72 V
15.0 @ 0.67 A
86%
AEE00C48
Notes:
1. 20 MHz bandwidth. An external 0.1 uf ceramic capacitor
is recommended to be placed from +V out to comm.
2. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
3. All specifications subject to change without notice.
4. Mechanical drawings are for reference only.
Mechanical Dimensions and Pin Assignments


Similar Part No. - AEE01

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE01 ASTEC-AEE01 Datasheet
134Kb / 2P
   Industry standard package
logo
Artesyn Technologies
AEE01A12-M ARTESYN-AEE01A12-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
logo
Astec America, Inc
AEE01AA12-4 ASTEC-AEE01AA12-4 Datasheet
1Mb / 2P
   10 Watts
AEE01AA12-4 ASTEC-AEE01AA12-4 Datasheet
146Kb / 2P
   Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE01AA18 ASTEC-AEE01AA18 Datasheet
107Kb / 2P
   15 Watts
More results

Similar Description - AEE01

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB42WG-123R3E21 PEAK-PB42WG-123R3E21 Datasheet
210Kb / 2P
   1.5 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
PB42WG-123R3E21H30 PEAK-PB42WG-123R3E21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
logo
Artesyn Technologies
NLP250N-99S12J ARTESYN-NLP250N-99S12J Datasheet
650Kb / 4P
   Single Output 250 W
logo
Emerson Network Power
AEE04 EMERSON-NETWORKPOWER-AEE04 Datasheet
114Kb / 2P
   15 W, Single, Dual output
logo
SL Power Electronics
MINT1045 SLPOWER-MINT1045 Datasheet
522Kb / 3P
   45 W Single Output Series
logo
Recom International Pow...
RAC10-SB RECOM-RAC10-SB Datasheet
95Kb / 2P
   10 Watt Single Output
RAC10-3.3SB RECOM-RAC10-3.3SB Datasheet
83Kb / 2P
   10 Watt Single Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com