Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1408IUH-12 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1408IUH-12
Description  6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1408IUH-12 Datasheet(HTML) 1 Page - Linear Technology

  LTC1408IUH-12 Datasheet HTML 1Page - Linear Technology LTC1408IUH-12 Datasheet HTML 2Page - Linear Technology LTC1408IUH-12 Datasheet HTML 3Page - Linear Technology LTC1408IUH-12 Datasheet HTML 4Page - Linear Technology LTC1408IUH-12 Datasheet HTML 5Page - Linear Technology LTC1408IUH-12 Datasheet HTML 6Page - Linear Technology LTC1408IUH-12 Datasheet HTML 7Page - Linear Technology LTC1408IUH-12 Datasheet HTML 8Page - Linear Technology LTC1408IUH-12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1408-12
140812f
6 Channel, 12-Bit, 600ksps
Simultaneous Sampling ADC
with Shutdown
The LTC
®1408-12 is a 12-bit, 600ksps ADC with six
simultaneously sampled differential inputs. The device
draws only 5mA from a single 3V supply, and comes in a
tiny 32 pin (5mm
× 5mm) QFN package. A SLEEP shut-
down feature further reduces power consumption to
6
µW. The combination of low power and tiny package
makes the LTC1408-12 suitable for portable applications.
The LTC1408-12 contains six separate differential inputs
that are sampled simultaneously on the rising edge of the
CONV signal. These six sampled inputs are then
converted at a rate of 100ksps per channel.
The 83dB common mode rejection allows users to
eliminate ground loops and common mode noise by
measuring signals differentially from the source.
The device converts 0V to 2.5V unipolar inputs differen-
tially, or
±1.25V bipolar inputs also differentially,
depending on the state of the BIP pin. Any analog input
may swing rail-to-rail as long as the differential input
range is maintained.
The conversion sequence can be abbreviated to convert
fewer than six channels, depending on the logic state of
the SEL2, SEL1 and SEL0 inputs.
The serial interface sends out the six conversion results in
96 clocks for compatibility with standard serial interfaces.
600ksps ADC with 6 Simultaneously Sampled
Differential Inputs
100ksps Throughput per Channel
72dB SINAD
Low Power Dissipation: 15mW
3V Single Supply Operation
2.5V Internal Bandgap Reference, Can be Overdriven
with External Reference
3-Wire SPI-Compatible Serial Interface
0V to 2.5V Unipolar, or
±1.25V Bipolar Differential
Input Range
SLEEP (6
µW) Shutdown Mode
NAP (3.3mW) Shutdown Mode
Internal Conversion Triggered by CONV
83dB Common Mode Rejection
Tiny 32-Pin (5mm
××××× 5mm) QFN Package
Multiphase Power Measurement
Multiphase Motor Control
Data Acquisition Systems
Uninterruptable Power Supplies
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
4
5
25
24
7
6
9
12
13
16
19
8
CH0
CH0+
CH1
CH1+
10
11
14
15
CH2
CH2+
CH3
CH3+
17
18
20
21
S AND H
S AND H
S AND H
S AND H
S AND H
CH4
CH4+
CH5
CH5+
MUX
VREF
10
µF
BIP
SEL2 SEL1 SEL0
GND
2.5V
REFERENCE
600ksps
12-BIT ADC
12-BIT LATCH 5
12-BIT LATCH 4
12-BIT LATCH 3
12-BIT LATCH 2
12-BIT LATCH 1
12-BIT LATCH 0
10
µF3V
VCC
VDD
26
29
23
22
33
27
28
2
1
SD0
0.1
µF
3
OVDD
3V
32
SCK
31
DGND
OGND
30
CONV
THREE-
STATE
SERIAL
OUTPUT
PORT
TIMING
LOGIC
235114 TA01
S AND H
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6084440, 6522187.


Similar Part No. - LTC1408IUH-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408IUH LINER-LTC1408IUH Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results

Similar Description - LTC1408IUH-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com