Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ60Y48N-3L Datasheet(PDF) 2 Page - Emerson Network Power

Part # ALQ60Y48N-3L
Description  High Efficiency Quarter Brick
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ60Y48N-3L Datasheet(HTML) 2 Page - Emerson Network Power

  ALQ60Y48N-3L Datasheet HTML 1Page - Emerson Network Power ALQ60Y48N-3L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Efficiency
Model Number
Voltage
Voltage
Current
36V to 75V
1.8V
60A
90% Typ
AEQ60Y48(N) - (6)(3)(L)
36V to 75V
1.8V
60A
90% Typ
ALQ60Y48(N) - (6)(3)(L)
OPTIONS
suffix "N" = Negative Logic Enable (without suffix “N” designates Positive Logic Enable)
suffix “6” = 3.7mm pin length (5mm nominal default pin length)
suffix “-3” = single pair of output pins (Pins 4 and 10 unstuffed)
without suffix “-3” = double pair of output pins (Pins 4,5, 9 and 10 are present)
suffix “L” = RoHS compliant (RoHS 6) / “Blank” = RoHS compliant with Lead (Pb) in solder exemption (RoHS 5)
Ø 0.040(1.02) Dia Pins
6 places
Ø 0.060 (1.52) Dia Pins
4 places
2.30 [58.4]
1.45 [36.8]
Pin Assignments
Single Output
1.
+Vin
2.
Enable
3.
- Vin
4.
Common
(OPTIONAL)
5.
Common
6.
- Sense
7.
Trim
8.
+ Sense
9.
+ Vout
10. + Vout
(OPTIONAL)
Notes:
1. Nominal values apply with sense pins connected
to +Vout and Ground Return with other control
pins unconnected.
2. Consult the Technical Reference Notes for more
detailed information.
3. Dimensions provided in the mechanical outline
are nominal values.
4. At high line, VIN = 75V and no load, VO = 0A, the
module requires 1500
µF capacitive load to provide
greater than 45° of phase margin.
5. Specifications subject to change without notice.
6. 2 Years warranty.
* Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV03: DECEMBER 20, 2006)
0.73 [18.4]
1.02 [26.0]
1.45 [36.8]
0.43 [10.8]
0.57 [14.6]
0.73 [18.4]
1.02 [26.0]
2.30 [58.4]
0.37 [9.4]
0.25 [6.3]
0.58 [14.7]
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
MECHANICAL TOLERANCE ± .002(0.5)
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
NOTES:
0.15 [3.8]
1.88 [47.7]
2.00 [50.8]
0.42 [10.8]
PINASSIGNMENT
1 + VIN
2 Enable (on/off)
3 -VIN
4 -Vout (optional)
5 -Vout
6 -Sense
7 Trim
8 + Sense
9 + Vout
10+ Vout (optional)
6
7
8
9
10
45
3
2
1
ALQ - Open Frame Series
All dimensions are in Inches [mm].
Pin placement tolerance 0.005[0.127].
M3 X 0.5 THROUGH
MOUNTING INSERT (2 PLCS)
MAXIMUM SCREW TORQUE 3.9 IN LBS (0.44 N -m
2.30 [58.4]
1.45 [36.8]
0.22 [5.6]
1.86 [47.2]
1.03 [26.2]
0.21 [5.3]
Ø 0.060 (1.52) Dia Pins
4 places
Ø 0.040(1.02) Dia Pins
6 places
0.43 [10.8]
0.57 [14.6]
0.73 [18.4]
1.02 [26.0]
0.15 [3.8]
1.88 [47.7]
2.00 [50.8]
1.45 [36.8]
0.42 [10.8]
0.73 [18.4]
1.02 [26.0]
2.30 [58.4]
0.44 [11.2]
0.65 [16.4]
0.25 [6.3]
3
2
1
8
7
6
5
4
9
10
AEQ - Baseplate Series


Similar Part No. - ALQ60Y48N-3L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ EMERSON-NETWORKPOWER-ALQ Datasheet
124Kb / 2P
   Quarter brick industry standard outline
ALQ EMERSON-NETWORKPOWER-ALQ Datasheet
1Mb / 3P
   Quarter-Brick Series
logo
Panasonic Battery Group
ALQ PANASONICBATTERY-ALQ Datasheet
86Kb / 5P
   LQ RELAYS
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
ALQ07-D ASTEC-ALQ07-D Datasheet
143Kb / 2P
   7 Amps
More results

Similar Description - ALQ60Y48N-3L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ50 ASTEC-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick, 50 Amps
logo
Astrodyne Corporation
ASD150-24S5QB ASTRODYNE-ASD150-24S5QB Datasheet
1Mb / 8P
   150 Watt, High Efficiency, Quarter Brick DC/DC Converter
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
   High Efficiency Half Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com