Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCDT1103 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TCDT1103
Description  Optocoupler with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1103 Datasheet(HTML) 7 Page - Vishay Siliconix

  TCDT1103 Datasheet HTML 1Page - Vishay Siliconix TCDT1103 Datasheet HTML 2Page - Vishay Siliconix TCDT1103 Datasheet HTML 3Page - Vishay Siliconix TCDT1103 Datasheet HTML 4Page - Vishay Siliconix TCDT1103 Datasheet HTML 5Page - Vishay Siliconix TCDT1103 Datasheet HTML 6Page - Vishay Siliconix TCDT1103 Datasheet HTML 7Page - Vishay Siliconix TCDT1103 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TCDT1100(G) Series
Vishay Telefunken
Rev. A3, 11–Jan–99
214
0.1
1
10
1
10
100
1000
IF – Forward Current ( mA )
100
95 11057
VCE=5V
Figure 12. Current Transfer Ratio vs. Forward Current
0
5
10
15
0
10
20
30
40
50
IF – Forward Current ( mA )
20
95 11017
Saturated Operation
VS=5V
RL=1kW
toff
ton
Figure 13. Turn on / off Time vs. Forward Current
02
4
6
IC – Collector Current ( mA )
10
95 11016
Non Saturated
Operation
VS=5V
RL=100W
toff
ton
0
5
10
15
20
8
Figure 14. Turn on / off Time vs. Collector Current
XXXXXX
0884
918 A TK 63
15090
Type
Date
Code
(YM)
Coupling
System
Indicator
Company
Logo
Production
Location
Safety
Logo
V
DE
Figure 15. Marking example


Similar Part No. - TCDT1103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1103 VISHAY-TCDT1103 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCDT1103G VISHAY-TCDT1103G Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
More results

Similar Description - TCDT1103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com