Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCDT1103G Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCDT1103G
Description  Optocoupler with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1103G Datasheet(HTML) 5 Page - Vishay Siliconix

  TCDT1103G Datasheet HTML 1Page - Vishay Siliconix TCDT1103G Datasheet HTML 2Page - Vishay Siliconix TCDT1103G Datasheet HTML 3Page - Vishay Siliconix TCDT1103G Datasheet HTML 4Page - Vishay Siliconix TCDT1103G Datasheet HTML 5Page - Vishay Siliconix TCDT1103G Datasheet HTML 6Page - Vishay Siliconix TCDT1103G Datasheet HTML 7Page - Vishay Siliconix TCDT1103G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TCDT1100(G) Series
Vishay Telefunken
Rev. A3, 11–Jan–99
212
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 5 mA, RL = 100 W (see figure 3)
td
4.0
ms
Rise time
S
C
L
(g
)
tr
7.0
ms
Fall time
tf
6.7
ms
Storage time
ts
0.3
ms
Turn-on time
ton
11.0
ms
Turn-off time
toff
7.0
ms
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kW (see figure 4)
ton
25.0
ms
Turn-off time
S
F
L
(g
)
toff
42.5
ms
0
95 10900
IF
IF
+ 5 V
IC = 5 mA; Adjusted trough
input amplitude
Channel I
Channel II
Oscilloscope
RL 1 MW
CL 20 pF
100
W
50
W
RG = 50 W
tp = 50 ms
tp
T +
0.01
Figure 3. Test circuit, non-saturated operation
+ 5 V
IF = 10 mA
I
F
0
95 10843
RG = 50 W
tp = 50 ms
tp
T +
0.01
1 k
W
50
W
IC
Channel I
Channel II
Oscilloscope
RL 1 MW
CL 20 pF
Figure 4. Test circuit, saturated operation
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse dura-
tion
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 5. Switching times


Similar Part No. - TCDT1103G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1103G VISHAY-TCDT1103G Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
More results

Similar Description - TCDT1103G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com