Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET4600 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCET4600
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET4600 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCET4600 Datasheet HTML 1Page - Vishay Siliconix TCET4600 Datasheet HTML 2Page - Vishay Siliconix TCET4600 Datasheet HTML 3Page - Vishay Siliconix TCET4600 Datasheet HTML 4Page - Vishay Siliconix TCET4600 Datasheet HTML 5Page - Vishay Siliconix TCET4600 Datasheet HTML 6Page - Vishay Siliconix TCET4600 Datasheet HTML 7Page - Vishay Siliconix TCET4600 Datasheet HTML 8Page - Vishay Siliconix TCET4600 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TCET1600 up to TCET4600
Vishay Telefunken
Rev. A4, 11–Jan–99
256
Maximum Safety Ratings (according to VDE 0884) see figure 1
This device is used for protective separation against electrical shock only within the maximum safety ratings.
This must be ensured by using protective circuits in the applications.
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Forward current
Isi
130
mA
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25°C
Psi
265
mW
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
Rated impulse voltage
VIOTM
8
kV
Safety temperature
Tsi
150
°C
Insulation Rated Parameters (according to VDE 0884)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Partial discharge test voltage –
Routine test
100%, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage – tTr = 60 s, ttest = 10 s,
VIOTM
8
kV
gg
Lot test (sample test)
Tr
test
(see figure 2)
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
10 12
W
VIO = 500 V,
Tamb = 100°C
RIO
10 11
W
VIO = 500 V,
Tamb = 150°C
(construction test only)
RIO
10 9
W
0
25
50
75
125
0
50
100
150
200
300
Tsi – Safety Temperature ( °C )
150
94 9182
100
250
Phototransistor
Psi ( mW )
IR-Diode
Isi ( mA )
Figure 1. Derating diagram
V
IOTM
V
Pd
V
IOWM
V
IORM
V
t
4
t
3
t
test
t
stres
t
2
t
1
t
0
13930
t
Tr
= 60 s
t
1
, t
2
= 1 to 10 s
t
3
, t
4
= 1 s
t
test
= 10 s
t
stres
= 12 s
Figure 2. Test pulse diagram for sample test according to
DIN VDE 0884


Similar Part No. - TCET4600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.5, 07-Dec-07
TCET4600 VISHAY-TCET4600 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2022
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2023
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2023
More results

Similar Description - TCET4600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com