Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPT1200X01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCPT1200X01
Description  Subminiature Transmissive Optical Sensor with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCPT1200X01 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCPT1200X01 Datasheet HTML 1Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 2Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 3Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 4Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 5Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 6Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 7Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 8Page - Vishay Siliconix TCPT1200X01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TCPT1200X01
Vishay Telefunken
5 (9)
www.vishay.com
Document Number 83754
Rev. A2, 01–Jun–99
0
0.25
0.50
0.75
1.00
1.25
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
s – Displacement ( mm )
13658
s
Figure 9. Relative Collector Current vs. Displacement
Aluminium bag
Label
Reel
14940
Packing
Dampproof packing
Products will be packed in anti-humidity aluminium bags to prevent the products from moisture absorption
during transportation and storage. Each bag contains a desiccant with moisture indicators. In the event bags
absorb moisture, the indicators change their color from blue to pink.
Recommended method of storage
Dry box storage is recommended to prevent the parts from moisture absorption. The following conditions
should be preserved if dry boxes are not available.
Storage temperature:
10 to 30
°C
Storage humidity:
60% RH max
In case of moisture absorption the device will recover to the former condition by drying under the following
recommended conditions:
Taped version:
60
°C/ 48 h
Untaped version:
60
°C/ 48 h


Similar Part No. - TCPT1200X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A5, 01-Jun-99
TCPT1200 VISHAY-TCPT1200_07 Datasheet
149Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output, RoHS Compliant, Released for Lead (Pb)-free Solder Process
Rev. 1.9, 13-Mar-07
More results

Similar Description - TCPT1200X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A5, 01-Jun-99
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.4, 16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.8, 20-Sep-10
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.0, 17-Aug-09
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.6, 16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.7, 06-Nov-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.8, 16-Aug-06
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A1, 08-Jun-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com